Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2921IGN
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2921IGN Datasheet HTML 1Page - Linear Technology LTC2921IGN Datasheet HTML 2Page - Linear Technology LTC2921IGN Datasheet HTML 3Page - Linear Technology LTC2921IGN Datasheet HTML 4Page - Linear Technology LTC2921IGN Datasheet HTML 5Page - Linear Technology LTC2921IGN Datasheet HTML 6Page - Linear Technology LTC2921IGN Datasheet HTML 7Page - Linear Technology LTC2921IGN Datasheet HTML 8Page - Linear Technology LTC2921IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2921/LTC2922 Series
1
29212fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
2921/22 TA01
100
Ω
10
Ω
LTC2921
VCC
SENSE
100
Ω
100
Ω
4.7k
49.9k
49.9k
169k
243k
VOUT
VFB
VOUT
VFB
VOUT
VFB
10
Ω
10
Ω
V1
V2
V3
V4
GATE
PG
GND
TIMER
Si1012R
CBRST
5V SUPPLY
3.3V SUPPLY
2.5V SUPPLY
Si2316DS
Si2316DS
Si2316DS
WSL1206
0.05
Ω
0.22
µF
5V
LOAD
3.3V
LOAD
2.5V
LOAD
RESET
0.47
µF
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
100k
D1
D2
D3
S1
S2
S3
CIRCUIT BREAKER
RESET CONTROL
tGATE ~ 500ms
tTIMER ~ 130ms
s
Desktop Computers
s
Plug-In Cards
s
Telecom Infrastructure
s
Supply Sequencing
s
Instruments
s
Tracks Multiple Supplies with MOSFET Switches
s
Monitors 5 Input Voltages Including VCC
s
Guaranteed Threshold Accuracy:
±1% at 0.5V
s
Automatic Remote Sense Switching
s
Adjustable Supply Ramp Rate
s
Overvoltage Monitor
s
Adjustable Electronic Circuit Breaker
s
Adjustable Power-Good Delay
s
Available for VCC Supply Voltages of 5V, 3.3V and 2.5V
s
Available in 16-Pin Narrow SSOP (LTC2921 Series)
and 20-Pin TSSOP (LTC2922 Series)
Power Supply Tracker
with Input Monitors
The LTC
®2921 and LTC2922 monitor up to five supplies
and force them to track on power-up in multiple supply
systems. Using external N-channel pass transistors, the
supplies can be ramped up at an adjustable rate. Auto-
matic remote sense switching allows the DC/DC convert-
ers to compensate for series voltage drops in the wiring.
An incorrect level on one or more of the supplies triggers
disconnect of all supplies. Tight 1% accuracy and glitch
immunity on the low 0.5V monitoring level ensure no false
error disconnects.
The LTC2921 and LTC2922 each feature an adjustable
electronic circuit breaker to protect the VCC supply against
short circuits. Capacitance at the TIMER pin programs the
delays in the monitoring sequence.
The LTC2921 includes three remote sense switches in a
16-pin narrow SSOP package, while the LTC2922 includes
five remote sense switches in a 20-pin TSSOP package.
Both parts are available for VCC supply voltages of 5V,
3.3V, and 2.5V.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Three-Supply Tracker and Monitor (5V, 3.3V, 2.5V)
Load Voltage Ramp-Up and
Power-Good Activation
2921/22 TA01b
2.5V SUPPLY
2V/DIV
PG
2V/DIV
5V LOAD
3.3V LOAD
2.5V LOAD
5V SUPPLY AT 5V
3.3V SUPPLY AT 3.3V
100ms/DIV
OUTPUTS
2V/DIV


Similar Part No. - LTC2921IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2921 LINER-LTC2921 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
More results

Similar Description - LTC2921IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC2926 LINER-LTC2926 Datasheet
541Kb / 28P
MOSFET-Controlled Power Supply Tracker
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
LTC2926 LINER-LTC2926_15 Datasheet
547Kb / 28P
MOSFET-Controlled Power Supply Tracker
logo
Texas Instruments
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
Temperature and Power Supply System Monitors
logo
Union Semiconductor, In...
UM805 UNIONSEMI-UM805 Datasheet
379Kb / 14P
Voltage Monitors with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com