Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2921IGN
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2921IGN Datasheet HTML 5Page - Linear Technology LTC2921IGN Datasheet HTML 6Page - Linear Technology LTC2921IGN Datasheet HTML 7Page - Linear Technology LTC2921IGN Datasheet HTML 8Page - Linear Technology LTC2921IGN Datasheet HTML 9Page - Linear Technology LTC2921IGN Datasheet HTML 10Page - Linear Technology LTC2921IGN Datasheet HTML 11Page - Linear Technology LTC2921IGN Datasheet HTML 12Page - Linear Technology LTC2921IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2921/LTC2922 Series
9
29212fa
Electronic Circuit Breaker
Placing a resistor between the VCC and SENSE pins allows
the part to detect shorts and excessive currents on the VCC
supply. The electronic circuit breaker trips when the
voltage across the resistor is >50mV for more than 1
µs. A
trip causes a fault condition which interrupts the monitor
OPERATIO
sequence, and which requires reset of the circuit breaker
latch (see Interrupting Events section). Breaker reset is
achieved by pulling V1 below the reset threshold for
>150
µs after the current falls below the trip point, or by
returning from undervoltage lockout on VCC.
The timing of a typical start-up sequence for the LTC2921/
LTC2922 is shown in Figure 2. VCCexceedstheundervoltage
lockout level at time 0. All monitor inputs settle between
the 0.5V monitor threshold and the 0.7V overvoltage
threshold by time 1, then a TIMER cycle starts. The TIMER
pin reaches 1.2V at time 2, and GATE ramping begins.
When the GATE ramp completes at time 3, the automatic
remote sense switches close. Another TIMER delay
begins at time 4 and finishes at time 5, at which time PG
is activated.
The timing of a monitor failure and subsequent regular
turn-on is shown in Figure 3. Prior to time 1, a successful
turn-on sequence had completed. At time 1, monitor V2
falls below the 0.5V reference, triggering an error. The
GATE pin, PG pin, and the remote sense switches fall at
rates determined by the pull-down currents and loading
conditions of each (times 2, 3, 4). At time 5, monitor V2
recovers, and a normal turn-on sequence begins.
TI I G DIAGRA S
VCC
SENSE
V1
V2
V3
V4
TIMER
GATE
PG
01
2
3
4
5
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
VCC
VCC
VCC-50mV
1.2V
1.2V
UNDERVOLTAGE
LOCKOUT LEVEL
REMOTE
SENSE
SWITCH
GATE
VCC
SENSE
V1
V2
V3
V4
TIMER
GATE
PG
12 3 4
5
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
VCC
VCC
VCC-50mV
1.2V
1.2V
UNDERVOLTAGE
LOCKOUT LEVEL
REMOTE
SENSE
SWITCH
GATE
Figure 2. Typical Start-Up Sequence
Figure 3. Monitor Failure and Start-Up Sequence Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com