Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 1 Page - Linear Technology

  LTC3549 Datasheet HTML 1Page - Linear Technology LTC3549 Datasheet HTML 2Page - Linear Technology LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3549
1
3549f
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1k
3549 TA02
0
1
0.1
0.01
0.001
0.0001
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.1V
POWER LOST
AT VIN = 2.5V
250mA Low VIN Buck
Regulator in 2mm × 3mm DFN
The LTC®3549 is a high efficiency, monolithic synchronous
buck regulator using a constant-frequency, current mode
architecture. The output voltage is adjusted via an external
resistor divider.
A fixed switching frequency of 2.25MHz is supported.
This switching frequency allows the use of small surface
mount inductors and capacitors, including ceramics.
Supply current during Burst Mode operation is only 50µA
dropping to < 1µA in shutdown. The 1.6V to 5.5V input
voltage range makes the LTC3549 ideally suited for single
cell Li-Ion, Li-Metal and 2-cell alkaline, NiCd or NiMH
battery-powered applications. 100% duty cycle capabil-
ity provides low dropout operation, extending battery
life in portable systems. Burst Mode operation can be
user-enabled, increasing efficiency at light loads, further
extending battery life.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Internal
soft-start offers controlled output voltage rise time at start-
up without the need for external components.
■
2 AA-Cell Applications
■
Cellular Phones
■
Digital Cameras
■
MP3 Players
■
1.6V to 5.5V Input Voltage Range
■
Internal Soft-Start
■
Low Ripple Burst Mode® Operation
Output Ripple: <20mVP-P
IQ: 50µA
■
2.25MHz Constant-Frequency Operation
■
High Efficiency: Up to 93%
■
250mA Output Current (VIN = 1.8V, VOUT = 1.2V)
■
450mA Peak Inductor Current
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.611V Reference Voltage
■
Stable with Ceramic Capacitors
■
Shutdown Mode Draws <1µA Supply Current
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
Overtemperature Protection
■
Available in a Low Profile (0.75mm) 6-Lead
(2mm x 3mm) DFN Package
High Efficiency Step-Down Converter
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131.
VIN
RUN
MODE
VFB
SW
GND
LTC3549
3.3
µH*
VOUT
1.5V
200k
4.7
µF
CER
*TDK VLF3012AT-3R3MR87
VIN
1.8V TO
5.5V
137k
3549 TA01
22pF
4.7
µF
CER
Burst Mode Efficiency, VOUT = 1.5V


Similar Part No. - LTC3549

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3549 LINER-LTC3549 Datasheet
378Kb / 16P
250mA Low VIN Buck Regulator
LTC3549 LINER-LTC3549_15 Datasheet
378Kb / 16P
250mA Low VIN Buck Regulator
More results

Similar Description - LTC3549

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3549 LINER-LTC3549_15 Datasheet
378Kb / 16P
250mA Low VIN Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com