Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology LTC3549 Datasheet HTML 10Page - Linear Technology LTC3549 Datasheet HTML 11Page - Linear Technology LTC3549 Datasheet HTML 12Page - Linear Technology LTC3549 Datasheet HTML 13Page - Linear Technology LTC3549 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3549
10
3549f
tions do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based
on 2000 hours of life. This makes it advisable to further
derate the capacitor, or choose a capacitor rated at a
higher temperature than required. Always consult the
manufacturer if there is any question. The selection of
COUT is driven by the required effective series resistance
(ESR). Typically, once the ESR requirement for COUT has
been met, the RMS current rating generally far exceeds
the IRIPPLE(P-P) requirement. The output ripple ΔVOUT
is determined by:
∆= ∆
+
⎛
⎝⎜
⎞
⎠⎟
V
I ESR
fC
OUT
L
OUT
1
8• •
where f = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since ΔIL increases with input voltage. Aluminum
electrolytic and dry tantalum capacitors are both available
in surface mount configurations. In the case of tantalum,
it is critical that the capacitors are surge tested for use
in switching power supplies. An excellent choice is the
AVX TPS series of surface mount tantalum. These are
specially constructed and tested for low ESR so they give
the lowest ESR for a given volume. Other capacitor types
include Sanyo POSCAP, Kemet T510 and T495 series, and
Sprague 593D and 595D series. Consult the manufacturer
for other specific recommendations.
Using Ceramic Input and Output Capacitors
The LTC3549 typically will require an output capacitor
in the 4.7µF to 10µF range for optimum stability. Higher
value, lower cost ceramic capacitors are now available in
smaller case sizes. Their high ripple current, high voltage
rating and low ESR make them ideal for switching regulator
applications. Because the LTC3549’s control loop does not
depend on the output capacitor’s ESR for stable operation,
ceramic capacitors can be used to achieve very low output
ripple and small circuit size.
However, care must be taken when these capacitors are
used at the input and the output. When a ceramic capacitor
is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can
induce ringing at the input, VIN. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN, large enough
to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
0 611
1
1
2
.
(2)
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure 1
Table 2 gives 1% resistor values for selected output
voltages.
APPLICATIO S I FOR ATIO
Figure 1. Setting the LTC3549 Output Voltage
VFB
VOUT
R1
R2
3549 F01
GND
LTC3549
Table 2. Resistor Values for Selected Output Voltages
VOUT
R1
R2
0.85V
53.6k
137k
1.2V
133k
137k
1.5V
200k
137k
1.8V
267k
137k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com