Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology LTC3549 Datasheet HTML 10Page - Linear Technology LTC3549 Datasheet HTML 11Page - Linear Technology LTC3549 Datasheet HTML 12Page - Linear Technology LTC3549 Datasheet HTML 13Page - Linear Technology LTC3549 Datasheet HTML 14Page - Linear Technology LTC3549 Datasheet HTML 15Page - Linear Technology LTC3549 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3549
14
3549f
Figure 4b. Burst Mode Efficiency, VOUT = 1.5V
Figure 4c. Load Step Response
Design Example
As a design example, assume the LTC3549 is used in a
2-alkaline cell battery-powered application. The VIN will be
operating from a maximum of 3.1V down to about 1.8V.
The load current requirement is a maximum of 250mA
but most of the time it will be in standby mode, requiring
only 2mA. Efficiency at both low and high load currents
is important. Output voltage is 1.5V. With this information
we can calculate L using Equation 3:
L
V
fI
V
V
OUT
L
OUT
IN
=
∆
⎛
⎝⎜
⎞
⎠⎟
•
–
1
(3)
Substituting VOUT = 1.5V, VIN = 3.1V, ΔIL = 100mA and
f = 2.25MHz in Equation 3 gives:
L
MHz
mA
H
=
⎛
⎝⎜
⎞
⎠⎟
≅µ
1
2 25
100
15 1
15
31
33
.•
.–
.
.
.
For best efficiency choose a 350mA or greater inductor
with less than 0.3Ω series resistance. CIN will require an
RMS current rating of at least 0.125A ≅ ILOAD(MAX)/2 at
temperature.
For the feedback resistors, choose R2 = 137k. Then, from
Equation 3, R1 is 200k. Figure 4 shows the complete circuit
along with its efficiency curve.
APPLICATIO S I FOR ATIO
Figure 4a. High Efficiency Step-Down Regulator
RUN
CIN
4.7
µF
CERAMIC
VIN
1.8V TO
3.1V
LTC3549
VIN
MODE
L1
3.3
µH*
CL
22pF
R1
200k
R2
137k
3549 F04a
SW
VFB
GND
COUT
4.7
µF
CERAMIC
VOUT
1.5V
*TDK VLF3012AT-3R3MR87
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 F04b
0
1
VIN = 1.8
VIN = 3.1
VIN = 2.5
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3549 F04c
VIN = 2.5V
VOUT = 1.5V
ILOAD = 100mA to 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com