Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 3 Page - Linear Technology

  LTC3549 Datasheet HTML 1Page - Linear Technology LTC3549 Datasheet HTML 2Page - Linear Technology LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3549
3
3549f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Voltage on any pin may not exceed 6V.
Note 2: The LTC3549E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3549: TJ = TA + (PD)(64°C/W)
This IC includes overtemperature protection that is intended to protect the
device during momentary overload conditions. Overtemperature protection
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Bias Current
Active Mode
Sleep Mode
Shutdown
(Note 5)
VOUT = 90%, ILOAD = 0A
VOUT = 103%, ILOAD = 0A
VRUN = 0V, VIN = 5.5V
300
50
0.1
475
95
5
µA
µA
µA
fOSC
Nominal Oscillator Frequency
●
1.8
2.25
2.7
MHz
tSS
Soft-Start Period
RUN↑
1ms
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA, Wafer Level
ISW = 100mA, DD Package (Note 7)
0.5
0.56
Ω
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = 100mA, Wafer Level
ISW = 100mA, DD Package (Note 7)
0.35
0.4
Ω
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5.5V, VIN = 5.5V
±0.1
±1
µA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 2.2V.
ELECTRICAL CHARACTERISTICS
becomes active at a junction temperature greater than the maximum
operating junction temperature. Continuous operation above the specified
maximum operating junction temperature may impair device reliability.
Note 4: The LTC3549 is tested in a proprietary test mode that connects VFB
to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: ΔVOVL is the amount VFB must exceed the regulated feedback
voltage.
Note 7: Determined by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com