Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3549 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator in 2mm3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 2 Page - Linear Technology

  LTC3549 Datasheet HTML 1Page - Linear Technology LTC3549 Datasheet HTML 2Page - Linear Technology LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3549
2
3549f
Input Supply Voltage................................... –0.3V to 6V
RUN, VFB, MODE Voltages .............–0.3V to (VIN + 0.3V)
SW Voltage < 100ns Pulse.............–0.3V to (VIN + 0.3V)
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature (Note 3) ........................... 125°C
Storage Temperature Range.................. –65°C to 125°C
(Note 1)
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 2.2V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
1.6
5.5
V
VRUN
RUN Threshold
0.3
0.7
1.1
V
IRUN
RUN Leakage Current
VRUN = 0 or 2.2V
0.01
1
µA
VMODE
MODE Threshold
0.3
0.65
1.1
V
IMODE
MODE Leakage Current
VMODE = 0 or 2.2V
0.01
1
µA
VFB
Regulated Feedback Voltage
TA = 25°C (Note 4)
0°C ≤ TA ≤ 85°C (Note 4)
–40°C ≤ TA ≤ 85°C (Note 4)
0.599
0.597
0.596
0.611
0.611
0.611
0.623
0.623
0.626
V
V
V
IVFB
Feedback Current
±30
nA
ΔVOVL
ΔVFBOVL Overvoltage Lockout
ΔVOVL = ΔVFBOVL – VFB (Note 6)
40
60
80
mV
ΔVFB
Reference Voltage Line Regulation
1.6V < VIN < 5.5V (Note 4)
0.04
0.4
%/V
ΔVOUT
Output Voltage Line Regulation
IOUT = 100mA, 1.6V < VIN < 5.5V (Note 7)
0.04
0.4
%/V
IPK
Peak Inductor Current
VFB = 0.5V or VOUT = 90%
0.3
0.45
0.6
A
VLOADREG
Output Voltage Load Regulation
Pulse Skip Mode, VOUT = 1.2V,
50mA < ILOAD < 250mA (Note 7)
0.5
%
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) IS GND
MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DCB PART MARKING
LTC3549EDCB
LBZR
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com