Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950L8B Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # 950L8B
Description  Tunable Filter Instruments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

950L8B Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  950L8B Datasheet HTML 1Page - Frequency Devices, Inc. 950L8B Datasheet HTML 2Page - Frequency Devices, Inc. 950L8B Datasheet HTML 3Page - Frequency Devices, Inc. 950L8B Datasheet HTML 4Page - Frequency Devices, Inc. 950L8B Datasheet HTML 5Page - Frequency Devices, Inc. 950L8B Datasheet HTML 6Page - Frequency Devices, Inc. 950L8B Datasheet HTML 7Page - Frequency Devices, Inc. 950L8B Datasheet HTML 8Page - Frequency Devices, Inc. 950L8B Datasheet HTML 9Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Model 950
Tunable Filter Instruments
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
CORNER
FREQUENCY
TUNING
OFFSET
OFFSET
NULLED
10dB
0dB
20dB
INPUT
B
A
GAIN (dB)
OUTPUT
AMP
OUT
A-B
A
DIFF
AMP
+
8-POLE TUNABLE
FILTER
TYPICAL
TYPICAL
FUNCTION
ADJUSTMENT
100
B
A
OUT
x100
A-B
A
GND
OFFSET
ON
TUNEABLE ACTIVE FILTER
FREQUENCY
INPUT
GAIN
(dB)
+
x1
R
200
500
50
20
10
CORNER
IN Hz
950
N
E
G
A
20
10
0
BNC CONNECTOR
FRONT PANEL
-
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com