Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950L8B Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # 950L8B
Description  Tunable Filter Instruments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

950L8B Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  950L8B Datasheet HTML 1Page - Frequency Devices, Inc. 950L8B Datasheet HTML 2Page - Frequency Devices, Inc. 950L8B Datasheet HTML 3Page - Frequency Devices, Inc. 950L8B Datasheet HTML 4Page - Frequency Devices, Inc. 950L8B Datasheet HTML 5Page - Frequency Devices, Inc. 950L8B Datasheet HTML 6Page - Frequency Devices, Inc. 950L8B Datasheet HTML 7Page - Frequency Devices, Inc. 950L8B Datasheet HTML 8Page - Frequency Devices, Inc. 950L8B Datasheet HTML 9Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Model 950
Location of Front Panel
Terminals and Controls
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
4
100
B
A
20
OUT
x100
10
0
A-B
A
GND
OFFSET
ON
TUNEABLE ACTIVE FILTER
FREQUENCY
INPUT
GAIN
(dB)
+
x1
R
200
500
50
20
10
CORNER
IN Hz
950
N
E
G
A
-
Location of Front Panel Terminals and Controls
C&D
F
E
B
H
I
FRONT PANEL
A. POWER Status Lamp: This red LED
indicates whether or not the power to the
analog filter circuitry of a Model 950
instrument is on.
B. INPUT Switch: This three position
toggle configures the instrument for
either differential inputs (A-B), a single-
ended input (A), or input nulling (GND)
which grounds both the (A) and (B) input
terminals.
C. & D. (A) and (B) Input Terminals:
This pair of shielded, female BNC
connectors accept signal inputs (A) and
(B).
The instrument applies a non-
inverting gain to input (A) and an equal
but opposite inverting gain to input (B)
while the GAIN switch sets the magnitude
of differential gain to 0, 10, or 20 dB. The
BNC
shields
have
been
internally
connected to the instrument ground.
E. GAIN Switch:
This three-position
toggle switch selects an overall filter gain
of 0, 10, or 20dB.
F. OFFSET Adjust: This adjustment is
intended to zero the offset that results
from the instrument’s own circuitry and
does not provide for wide range offset to
remove dc input signals.
G. CORNER FREQUENCY Selector
Switch (10-500Hz):
This six position
rotary switch selects the digit value of the
corner frequency. The switch selectable
values are 10, 20, 50, 100, 200 and 500,
H. MULTIPLIER Selector Switch: This
two-position toggle switch multiplies by a
factor of either 1 or 100x, the value set
on the CORNER FREQUENCY selector
switch.
I. OUT Terminal:
This terminal is a
female BNC connector. The shield on
the BNC is internally connected to the
instrument ground.
REAR PANEL
J. IDENTIFICATION LABEL: This label
identifies the date of manufacture, serial
number, filter type and operating power
requirements.
K. POWER CONNECTION:
Denotes
power plug location.
L. POWER ON/OFF Switch:
A two-
position toggle switch on the back panel
Power Module that interrupts/completes
the power circuit.
M. Voltage Selector Module:
115V Operation
The power module window shows the
operating voltage (115V or 230V).
At
time of shipment, the voltage window will
be set to the 115V position.
230V Operation
For 230V operation, use a small flathead
screwdriver to pry open the fuse module
door. Remove the fuse cartridge, fuse
clip and single fuse for 115V operation.
Install two 5 X 20 mm 250V, 0.1A fuses
into the fuse cartridge, rotate and insert
fuse cartridge so 230V is visible in fuse
module door when closed.
A
115v
FUSE
(250V 0.1A)
(250V 0.1A)
NOM. FREQ.
60 Hz
50 Hz
230v
APR.01
MADE IN U.S.A
WARNING: Do not remove covers, no user serviceable parts inside.
Contact: Frequency Devices for service, tech@freqdev.com
SN: 00105
950L8L
SELECT
Location of Rear Panel Terminals and Controls
J
M
L
G
K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com