Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950L8B Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 950L8B
Description  Tunable Filter Instruments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

950L8B Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  950L8B Datasheet HTML 1Page - Frequency Devices, Inc. 950L8B Datasheet HTML 2Page - Frequency Devices, Inc. 950L8B Datasheet HTML 3Page - Frequency Devices, Inc. 950L8B Datasheet HTML 4Page - Frequency Devices, Inc. 950L8B Datasheet HTML 5Page - Frequency Devices, Inc. 950L8B Datasheet HTML 6Page - Frequency Devices, Inc. 950L8B Datasheet HTML 7Page - Frequency Devices, Inc. 950L8B Datasheet HTML 8Page - Frequency Devices, Inc. 950L8B Datasheet HTML 9Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Model 950
Tunable Filter Instruments
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
3
Model
950L8B
950L8L
Model
950H8B
Product Specifications
Low-Pass
Low-Pass
High-Pass
Transfer Function
8-Pole, Butterworth
8-Pole, Bessel
Transfer Function
8-Pole, Butterworth
Range fc
10 Hz to 50.0 kHz
10 Hz to 50.0 kHz
Range fc
10 Hz to 50.0 kHz
Theoretical Transfer
Appendix A
Appendix A
Theoretical Transfer
Appendix A
Characteristics
Page 9
Page 4
Characteristics
Page 29
Passband Ripple
0.0 dB
0.0 dB
Passband Ripple
0.0 dB
(theoretical)
(theoretical)
DC Voltage Gain
0 ± 0.1 dB typ.
0 ± 0.1 dB typ.
Voltage Gain
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.2 dB max.
0 ± 0.2 dB max.
(non-inverting)
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
Stopband
Stopband
Attenuation Rate
48 dB/Octave
48 dB/Octave
Attenuation Rate
48 dB/Octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
Cutoff Frequency
fc
± 2% max.
Accuracy
± 0.05% typ.
± 0.05% typ.
Accuracy
± 0.05% typ.
± 2% max
.± 2% max.
± 2% max.
Stability
± 0.01%/°C typ.
± 0.01%/°C typ.
Stability
± 0.01%/°C typ.
± 0.02%/°C max.
± 0.02%/°C max.
± 0.02%/°C max.
Amplitude
-3 dB
-3 dB
Amplitude
-3 dB
Phase
-360°
-182°
Phase
-360°
Filter Attenuation
0.12 dB
0.80 fc
1.91 dB
0.80 fc
Filter Attenuation
80.0 dB
0.31 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
0.42 fc
60.0 dB
2.37 fc
60.0 dB
4.52 fc
3.01 dB
1.00 fc
80.0 dB
3.16 fc
80.0 dB
6.07 fc
0.00 dB
2.00 fc
Total Harmonic
Total Harmonic
Distortion @ 1 kHz
<-90 dB typ.
<-90 dB typ.
Distortion @ 1 kHz
<-88 dB typ.
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
Narrow Band Noise
100
mVrms typ.
(5 Hz - 100 kHz)
(5 Hz - 100 kHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com