Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950L8B Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # 950L8B
Description  Tunable Filter Instruments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

950L8B Datasheet(HTML) 6 Page - Frequency Devices, Inc.

  950L8B Datasheet HTML 1Page - Frequency Devices, Inc. 950L8B Datasheet HTML 2Page - Frequency Devices, Inc. 950L8B Datasheet HTML 3Page - Frequency Devices, Inc. 950L8B Datasheet HTML 4Page - Frequency Devices, Inc. 950L8B Datasheet HTML 5Page - Frequency Devices, Inc. 950L8B Datasheet HTML 6Page - Frequency Devices, Inc. 950L8B Datasheet HTML 7Page - Frequency Devices, Inc. 950L8B Datasheet HTML 8Page - Frequency Devices, Inc. 950L8B Datasheet HTML 9Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Model 950
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Specifications
(@25°C and rated Power Input)
6
Typical Common Mode Rejection Ratio
Input Characteristics
Input Impedance:
Differential
2 MΩ Shunted by 47pF
Single Ended
1 MΩ Shunted by 47pF
Input Voltage:
Linear Differential*
20V p-p (Gain Set at 0 dB)
Max Safe Differential
Any Continuous Value between ±75V
Max Safe Common Mode
Any Continuous Value between ±75V
Bias Current
4 nA typ.; 20 nA max.
Common Mode Rejection ratio with
2kΩ source unbalance and 0 dB Gain > 60dB, dc to 50kHz
Output Characteristics
Full Power Bandwidth
dc to 50kHz
Related Output
10V p-p for RL = 50W
20V p-p for RL = 2kW
Short Circuit Output Current
+/-100 mA continuous
Output Protection
+/-200 mA without damage
Short Circuit to Ground Only
Output Impedance
50 Ω
Offset Voltage
Adjustable to Zero at Front Panel
(Range +/-500mV dc)
Power Supply
AC Line Operation:
Power
6 Watts max.
Voltage Frequency Range-Rear Panel:
115 V
105 to 125Vac @ 50/60Hz
230 V
210 to 250Vac @ 50Hz
Fuse
0.1 Amp
Temperature
Operating Temperature:
0 °C to +50 °C
Storage Temperature
-25 °C to +70 °C
Mechanical
Dimensions
2.375"H x 7.0"W x 8.3"D
6.03cmH x 17.75cmW x 21.08cmD
Weight
1.5 lbs; 0.68 kgs.
Case Material
ABS plastic
Color
PC Bone
* Signal plus common mode voltage cannot exceed 20V peak for a linear output.
Typical Output Noise
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency (Hz)
Bessel filter type set to 50 kHz filter
corner frequency, 0 dB gain setting.
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Frequency (Hz)
Bessel filter type set to 50 kHz filter corner
frequency, 0 dB gain setting, input
grounded.
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00950-00
Frequency (Hz)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com