Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950L8B Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # 950L8B
Description  Tunable Filter Instruments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

950L8B Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  950L8B Datasheet HTML 1Page - Frequency Devices, Inc. 950L8B Datasheet HTML 2Page - Frequency Devices, Inc. 950L8B Datasheet HTML 3Page - Frequency Devices, Inc. 950L8B Datasheet HTML 4Page - Frequency Devices, Inc. 950L8B Datasheet HTML 5Page - Frequency Devices, Inc. 950L8B Datasheet HTML 6Page - Frequency Devices, Inc. 950L8B Datasheet HTML 7Page - Frequency Devices, Inc. 950L8B Datasheet HTML 8Page - Frequency Devices, Inc. 950L8B Datasheet HTML 9Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC POWER SUPPLY
B
OUTPUT
AMPLIFER
GAIN = K
OUT
COUPLED
POWER LINE
NOISE VOLTAGE
V
B
R
SB
SIGNAL
COMMON
V
P
V
A
V
CM
R
SA
INPUT SIGNAL AND
NOISE VOLTAGE SOURCES
A
(+)
(
±)
R
CM+
+
R
D
R
CM-
-
DIFF
AMP
20dB
10dB
0dB
*
Vo = K(VA - VB) + Vcm/CMRR : WHERE
K = 1, 10 AND 10 FOR GAIN SETTINGS
OF 0, 10 AND 20dB RESPECTIVELY.
SEE TEXT FOR REMAINING TERMS.
DENOTES FRONT PANEL ACCESS
(
±)
(+)
+Vs
COM
±Vs
DIFFERENTIAL
INPUT AMPLIFIER
SIGNAL
COMMON
*
*
*
*
Model 950
Operation and
Application Guide Lines
Circuit model illustrating relationship between filter's differential input
amplifier and external signal and error sources.
Initial Setup
Select desired operating voltage 115 Vac
or 230 Vac. See note "N" page four.
Set the POWER ON/OFF Switch to ON.
A continuously lit POWER lamp indicates
power applied. Allow the instrument a
three-minute warm-up period to achieve
thermal equilibrium.
To perform initial adjustment and/or
operational testing, set the remaining
front panel controls as follows:
a) The CORNER FREQUENCY switch
and the MULTIPLIER to the desired
corner frequency.
b) The OFFSET control to approximately
mid-range.
c) The GAIN switch to the desired value.
e) The INPUT switch to ground (GND).
Connect a dc-coupled oscilloscope, of
vertical sensitivity 10mV/CM or better, or
a
digital
voltmeter
(DVM)
to
the
instrument front panel BNC connector
labeled OUT.
The Differential Input
The instrument utilizes a differential input
amplifier to reject prevalent forms of
electrical interference, while presenting
desirable input characteristics to the
signal source requiring filtering.
The
differential input configuration is ideal for
measuring the difference between two
values
rather
than
the
values
themselves.
Bridge circuits utilizing
strain gages, thermocouples and a
variety of other types of transducers
generate differential full-scale output
voltages in the order of millivolts that are
often superimposed upon volt-level
reference and noise values.
The importance of CMRR
In actual system environments, each
signal and power return conductor can
generate
an
interference
voltage
proportional
to
the
net
conductor
resistance and the electrical current
level.
Any such interference voltages
appear as common mode signals to the
amplifier, and are rejected as such.
Set the OFFSET control for a zero-volt
reading on the scope.
Subsequent
changes
of
CORNER
FREQUENCY and GAIN control settings
will introduce a small dc output offset,
which should be zeroed for critical
applications.
Leaving all other controls unchanged,
set the Input Switch to (A-B) and apply a
5Vdc signal simultaneously to input
BNCs (A) and (B).
The voltage
measured at the OUT BNC should be 5-
5=OVdc.
This completes preliminary
test and adjustment.
Corner Frequency Selection
To select a corner frequency, simply set
the CORNER FREQUENCY switch and
the MULTIPLIER switch for the desired
numerical value.
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com