Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2250 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 35Page - Texas Instruments PCI2250 Datasheet HTML 36Page - Texas Instruments PCI2250 Datasheet HTML 37Page - Texas Instruments PCI2250 Datasheet HTML 38Page - Texas Instruments PCI2250 Datasheet HTML 39Page - Texas Instruments PCI2250 Datasheet HTML 40Page - Texas Instruments PCI2250 Datasheet HTML 41Page - Texas Instruments PCI2250 Datasheet HTML 42Page - Texas Instruments PCI2250 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
4–5
4.5
Revision ID Register
The revision ID register indicates the silicon revision of the PCI2250.
Bit
7
6
5
4
3
2
1
0
Name
Revision ID
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
Revision ID
Type:
Read-only
Offset:
08h
Default:
01h (reflects the current revision of the silicon)
4.6
Class Code Register
This register categorizes the PCI2250 as a PCI-to-PCI bridge device (0604h) with a 01h or 00h programming
interface. Bit 0 is read-only but its value is aliased with bit 0 of the primary decode control register (offset 57h, see
Section 5.9). Bit 0 of the primary decode control register defaults to 1b which means the primary interface is set for
subtractive decode. If software writes a 0 to bit 0 of the primary decode control register, then this value is aliased to
bit 0 of the class code register and the bridge will positively decode the primary interface.
Bit
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Class code
Base class
Sub class
Programming interface
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
1
1
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
Register:
Class code
Type:
Read-only
Offset:
09h
Default:
060401h
4.7
Cache Line Size Register
The cache line size register is programmed by host software to indicate the system cache line size needed by the
bridge on memory read line and memory read multiple transactions.
Bit
7
6
5
4
3
2
1
0
Name
Cache line size
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Cache line size
Type:
Read/write
Offset:
0Ch
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com