Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2250 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 24Page - Texas Instruments PCI2250 Datasheet HTML 25Page - Texas Instruments PCI2250 Datasheet HTML 26Page - Texas Instruments PCI2250 Datasheet HTML 27Page - Texas Instruments PCI2250 Datasheet HTML 28Page - Texas Instruments PCI2250 Datasheet HTML 29Page - Texas Instruments PCI2250 Datasheet HTML 30Page - Texas Instruments PCI2250 Datasheet HTML 31Page - Texas Instruments PCI2250 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
3–4
PCI Bus 0
Primary Bus
00h
Secondary Bus
01h
Subordinate Bus
02h
PCI2250
Primary Bus
00h
Secondary Bus
03h
Subordinate Bus
03h
PCI2250
PCI Bus 1
PCI Bus 3
Primary Bus
01h
Secondary Bus
02h
Subordinate Bus
02h
PCI2250
PCI Bus 2
Figure 3–4. Bus Hierarchy and Numbering
3.4
Special Cycle Generation
The bridge is designed to generate special cycles on both buses through a type 1 cycle conversion. During a type 1
configuration cycle, if the bus number field matches the bridge secondary bus number, then the device number field
is 1Fh, the function number field is 07h, and the bridge generates a special cycle on the secondary bus with a message
that matches the type 1 configuration cycle data. If the bus number is a subordinate bus and not the secondary bus,
then the bridge passes the type 1 special cycle request through to the secondary interface along with the proper
message.
Special cycles are never passed through the bridge. Type 1 configuration cycles with a special cycle request can
propagate in both directions.
3.5
Secondary Clocks
The PCI2250 provides five secondary clock outputs (S_CLKOUT[0:4]). Four are provided for clocking secondary
devices. The fifth clock should be routed back into the PCI2250 S_CLK input to ensure all secondary bus devices
see the same clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com