Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2250 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 42Page - Texas Instruments PCI2250 Datasheet HTML 43Page - Texas Instruments PCI2250 Datasheet HTML 44Page - Texas Instruments PCI2250 Datasheet HTML 45Page - Texas Instruments PCI2250 Datasheet HTML 46Page - Texas Instruments PCI2250 Datasheet HTML 47Page - Texas Instruments PCI2250 Datasheet HTML 48Page - Texas Instruments PCI2250 Datasheet HTML 49Page - Texas Instruments PCI2250 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
4–12
4.23 Prefetchable Memory Limit Register
The prefetchable memory limit register defines the upper-limit address of a prefetchable memory address range used
to determine when to forward memory transactions from one interface to the other. The upper 12 bits of this register
are read/write and correspond to the address bits AD31–AD20. The lower 20 address bits are considered 1s; thus,
the address range is aligned to a 1M-byte boundary. The bottom four bits are read-only and return 0s when read.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Prefetchable memory limit
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Prefetchable memory limit
Type:
Read-only, read/write
Offset:
26h
Default:
0000h
4.24 Prefetchable Base Upper 32 Bits Register
The PCI2250 does not support 64-bit addressing; thus, the prefetchable base upper 32-bit register is read-only and
returns 0s when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Prefetchable base upper 32 bits
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Prefetchable base upper 32 bits
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Prefetchable base upper 32 bits
Type:
Read-only
Offset:
28h
Default:
0000 0000h
4.25 Prefetchable Limit Upper 32 Bits Register
The PCI2250 does not support 64-bit addressing; thus the prefetchable limit upper 32-bit register is read-only and
returns 0s when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Prefetchable limit upper 32 bits
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Prefetchable limit upper 32 bits
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Prefetchable limit upper 32 bits
Type:
Read-only
Offset:
2Ch
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com