Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2250 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 47Page - Texas Instruments PCI2250 Datasheet HTML 48Page - Texas Instruments PCI2250 Datasheet HTML 49Page - Texas Instruments PCI2250 Datasheet HTML 50Page - Texas Instruments PCI2250 Datasheet HTML 51Page - Texas Instruments PCI2250 Datasheet HTML 52Page - Texas Instruments PCI2250 Datasheet HTML 53Page - Texas Instruments PCI2250 Datasheet HTML 54Page - Texas Instruments PCI2250 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
5–1
5 Extension Registers
The TI extension registers are those registers that lie outside the standard PCI-to-PCI bridge device configuration
space (i.e., registers 40h–FFh in PCI configuration space in the PCI2250). These registers can be accessed through
configuration reads and writes. The TI extension registers add flexibility and performance benefits to the standard
PCI-to-PCI bridge. The TI extension registers are not reset on the transition from D3 to D0.
5.1
Chip Control Register
The chip control register is read/write and has a default value of 00h. This register is used to control the functionality
of certain PCI transactions. See Table 5–1 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Chip control
Type
R
R
R
R/W
R
R
R/W
R
Default
0
0
0
0
0
0
0
0
Register:
Chip control
Type:
Read/Write, Read–only
Offset:
40h
Default:
00h
Table 5–1. Chip Control Register
BIT
TYPE
FUNCTION
7–5
R
Reserved. Bits 7–5 return 0s when read.
4
R/W
Memory read prefetch. When cleared, bit 4 enables the memory read prefetch.
0 = Upstream memory reads are enabled (default)
1 = Upstream memory reads are disabled
3–2
R
Reserved. Bits 3 and 2 return 0s when read.
1
R/W
Reserved
0
R
Reserved. Bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com