Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2250 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 37Page - Texas Instruments PCI2250 Datasheet HTML 38Page - Texas Instruments PCI2250 Datasheet HTML 39Page - Texas Instruments PCI2250 Datasheet HTML 40Page - Texas Instruments PCI2250 Datasheet HTML 41Page - Texas Instruments PCI2250 Datasheet HTML 42Page - Texas Instruments PCI2250 Datasheet HTML 43Page - Texas Instruments PCI2250 Datasheet HTML 44Page - Texas Instruments PCI2250 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
4–7
4.11 Base Address Register 0
The bridge requires no additional resources. Base address register 0 is read-only and returns 0s when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Base address register 0
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Base address register 0
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Base address register 0
Type:
Read-only
Offset:
10h
Default:
0000 0000h
4.12 Base Address Register 1
The bridge requires no additional resources. Base address register 1 is read-only and returns 0s when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Base address register 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Base address register 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Base address register 1
Type:
Read-only
Offset:
14h
Default:
0000 0000h
4.13 Primary Bus Number Register
The primary bus number register indicates the primary bus number to which the bridge is connected. The bridge uses
this register, in conjunction with the secondary bus number and subordinate bus number registers, to determine when
to forward PCI configuration cycles to the secondary buses.
Bit
7
6
5
4
3
2
1
0
Name
Primary bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Primary bus number
Type:
Read/write
Offset:
18h
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com