Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2307 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CDK2307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
8
Data Sheet
Electrical Characteristics - CDK2307C
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 65MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, 13-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
71.6
72.6
dBFS
FIN = 20MHz
71.8
dBFS
FIN ≃ FS/2
71.5
dBFS
FIN = 40MHz
70.4
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
70.5
71.7
dBFS
FIN = 20MHz
71.7
dBFS
FIN ≃ FS/2
71.7
dBFS
FIN = 40MHz
70
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
75
81
dBc
FIN = 20MHz
84
dBc
FIN ≃ FS/2
79
dBc
FIN = 40MHz
77
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
-85
-95
dBc
FIN = 20MHz
-95
dBc
FIN ≃ FS/2
-95
dBc
FIN = 40MHz
-95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
-75
-81
dBc
FIN = 20MHz
-84
dBc
FIN ≃ FS/2
-79
dBc
FIN = 40MHz
-79
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.4
11.6
bits
FIN = 20MHz
11.6
bits
FIN ≃ FS/2
11.5
bits
FIN = 40MHz
11.3
bits
XTALK
Crosstalk
Signal crosstalk between channels, FIN1 =
8MHz, FIN0 = 9.9MHz
-97.0
dB
Power Supply
AIDD
Analog Supply Current
32.8
mA
DIDD
Digital Supply Current
Digital core supply
5.0
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz
8.2
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
6.6
mA
Analog Power Dissipation
59.0
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
25.5
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
84.5
mW
Power Down Dissipation
9.3
µW
Sleep Mode 1
Power Dissipation, Sleep mode one channel
55.3
mW
Sleep Mode 2
Power Dissipation, Sleep mode both channels
20.4
mW
Clock Inputs
Max. Conversion Rate
65
MSPS
Min. Conversion Rate
40
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com