Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2307 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK2307 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
©2009 CADEKA Microcircuits LLC
www.cadeka.com
Amplify the Human Experience
CDK2307
Dual, 20/40/65/80MSPS, 12/13-bit
Analog-to-Digital Converters
F E A T U R E S
n
13-bit resolution
n
20/40/65/80MSPS maximum sampling rate
n
Ultra-low power dissipation: 30/55/85/102mW
n
SNR 72dB at 80MSPS and 8MHz FIN
n
Internal reference circuitry
n
1.8V core supply voltage
n
1.7V – 3.6V I/O supply voltage
n
Parallel CMOS output
n
64-pin QFN package
(TQFP-64 package option also available)
n
Dual channel
n
Pin compatible with CDK2308
A P P L I C A T I O N S
n
Handheld Communication, PMR, SDR
n
Medical Imaging
n
Portable Test Equipment
n
Digital Oscilloscopes
n
Baseband / IF Communication
n
Video Digitizing
n
CCD Digitizing
General Description
The CDK2307 is a high performance, low power dual Analog-to-Digital Con-
verter (ADC). The ADC employs internal reference circuitry, a CMOS control
interface and CMOS output data, and is based on a proprietary structure.
Digital error correction is employed to ensure no missing codes in the com-
plete full scale range.
Several idle modes with fast startup times exist. Each channel can be inde-
pendently powered down and the entire chip can either be put in Standby
Mode or Power Down mode. The different modes are optimized to allow the
user to select the mode resulting in the smallest possible energy consumption
during idle mode and startup.
The CDK2307 has a highly linear THA optimized for frequencies up to 70MHz.
The differential clock interface is optimized for low jitter clock sources and
supports LVDS, LVPECL, sine wave and CMOS clock inputs.
Functional Block Diagram
Ordering Information (QFN-6 Package)
Part Number
Speed
Package
Pb-Free RoHS Compliant
Operating Temperature Range
Packaging Method
CDK2307AILP64
20MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307AILP64X
20MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tape & Reel
CDK2307BILP64
40MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307BILP64X
40MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tape & Reel
CDK2307CILP64
65MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307CILP64X
65MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tape & Reel
CDK2307DILP64
80MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307DILP64X
80MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tape & Reel
Moisture sensitivity level for all parts is MSL-2A.
CLK_EXT


Similar Part No. - CDK2307

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307AILP64 CADEKA-CDK2307AILP64 Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK2307AILP64 EXAR-CDK2307AILP64 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307AITQ64 CADEKA-CDK2307AITQ64 Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2307BILP64 CADEKA-CDK2307BILP64 Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
More results

Similar Description - CDK2307

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 EXAR-CDK1308 Datasheet
947Kb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com