Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2307 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK2307 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device
function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
AVDD, AVSS
-0.3
+2.3
V
DVDD, DVSS
-0.3
+2.3
V
AVSS, DVSSCLK, DVSS, OVSS
-0.3
+0.3
V
OVDD, OVSS
-0.3
+3.9
V
CKP, CKN, DVSSCLK
-0.3
+3.9
V
Analog inputs and outpts (IPx, INx, AVSS)
-0.3
+2.3
V
Digital inputs
-0.3
+3.9
V
Digital outputs
-0.3
+3.9
V
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
-40
85
°C
Storage Temperature Range
-60
+150
°C
Lead Temperature (Soldering, 10s)
J-STD-020
°C
ESD Protection
Product
QFN-64
TQFP-64
Human Body Model (HBM)
TBD
2kV
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com