Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2307 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK2307 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Assignments
Pin No.
Pin Name
Description
1, 18, 23
DVDD
Digital and I/O-ring pre driver supply voltage, 1.8V
2
CM_EXT
Common Mode voltage output
3, 9, 12
AVDD
Analog supply voltage, 1.8V
4, 5, 8
AVSS
Analog ground
6, 7
IP0, IN0
Analog input Channel 0 (non-inverting, inverting)
10, 11
IP1, IN1
Analog input Channel 1 (non-inverting, inverting)
13
DVSSCLK
Clock circuitry ground
14
DVDDCLK
Clock circuitry supply voltage, 1.8V
15
CLKP
Clock input, non-inverting (Format: LVDS, PECL, CMOS/TTL, Sine Wave)
16
CLKN
Clock input, inverting. For CMOS input on CLKP, connect CLKN to ground
17, 64
DVSS
Digital circuitry ground
Pin Configuration
QFN-64, TQFP-64
CDK2307
QFN-64, TQFP-64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DVDDCLK
CLKN
CLKP
DVSSCLK
CLK_EXT
Ordering Information (TQFP-64 Package)
Part Number
Speed
Package
Pb-Free RoHS Compliant
Operating Temperature Range
Packaging Method
CDK2307AITQ64
20MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307AITQ64X
20MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tape & Reel
CDK2307BITQ64
40MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307BITQ64X
40MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tape & Reel
CDK2307CITQ64
65MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307CITQ64X
65MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tape & Reel
CDK2307DITQ64
80MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tray
CDK2307DITQ64X
80MSPS
TQFP-64
Yes
Yes
-40°C to +85°C
Tape & Reel
Moisture sensitivity level for all parts is MSL-2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com