Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2307 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK2307 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
3
Data Sheet
Pin No.
Pin Name
Description
19
CLK_EXT_EN
CLK_EXT signal enabled when low (zero). Tristate when high.
20
DFRMT
Data format selection. 0: Offset Binary, 1: Two's Complement
21
PD_N
Full chip Power Down mode when Low. All digital outputs reset to zero. After chip power up,
always apply Power Down mode before using Active Mode to reset chip.
22
OE_N_1
Output Enable Channel 0. Tristate when high.
24, 41, 58
OVDD
I/O ring post-driver supply voltage. Voltage range 1.7V to 3.6V.
25, 40, 57
OVSS
Ground for I/O ring
26
D1_0
Output Data Channel 1 (LSB, 13-bit output or 1Vpp full scale range )
27
D1_1
Output Data Channel 1 (LSB, 12-bit output 2Vpp full scale range)
28
D1_2
Output Data Channel 1
29
D1_3
Output Data Channel 1
30
D1_4
Output Data Channel 1
31
D1_5
Output Data Channel 1
32
D1_6
Output Data Channel 1
33
D1_7
Output Data Channel 1
34
D1_8
Output Data Channel 1
35
D1_9
Output Data Channel 1
36
D1_10
Output Data Channel 1
37
D1_11
Output Data Channel 1 (MSB for 1Vpp full scale range, see Reference Voltages section)
38
D1_12
Output Data Channel 1 (MSB for 2Vpp full scale range)
39
ORNG_1
Out of Range flag Channel 1. High when input signal is out of range
42
CLK_EXT
Output clock signal for data synchronization. CMOS levels.
43
D0_0
Output Data Channel 0 (LSB, 13 bit output or 1Vpp full scale range)
44
D0_1
Output Data Channel 0 (LSB, 12 bit output 2Vpp full scale range)
45
D0_2
Output Data Channel 0
46
D0_3
Output Data Channel 0
47
D0_4
Output Data Channel 0
48
D0_5
Output Data Channel 0
49
D0_6
Output Data Channel 0
50
D0_7
Output Data Channel 0
51
D0_8
Output Data Channel 0
52
D0_9
Output Data Channel 0
53
D0_10
Output Data Channel 0
54
D0_11
Output Data Channel 0 (MSB for 1Vpp full scale range, see Reference Voltages section)
55
D0_12
Output Data Channel 0 (MSB for 2Vpp full scale range)
56
ORNG_0
Out of Range flag Channel 0. High when input signal is out of range.
59
OE_N_0
Output Enable Channel 0. Tristate when low.
60, 61
CM_EXTBC_1,
CM_EXTBC_0
Bias control bits for the buffer driving pin CM_EXT
00: Off
10: 50uA
10: 500uA
11: 1mA
62, 63
SLP_N_1,
SLP_N_0
Sleep Mode
00: Sleep Mode
01: Channel 0 active
10: Channel 1 active
11: Both channels active
Pin Assignments
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com