Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CLC1003 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Electrical Characteristics at ±5V
TA = 25°C, Vs = ±5V, Rf = 1kΩ, RL = 1kΩ to GND, G = 2; unless otherwise noted.
symbol
parameter
conditions
Min
typ
Max
units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = 10, VOUT = 0.05Vpp
35
MHz
UGBW
Unity Gain Bandwidth
VOUT = 0.05Vpp , Rf = 0
55
MHz
BWSS
-3dB Bandwidth
VOUT = 0.05Vpp
25
MHz
BWLS
Large Signal Bandwidth
VOUT = 2Vpp
3.6
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
125
ns
tS
Settling Time to 0.1%
VOUT = 2V step
80
ns
OS
Overshoot
VOUT = 2V step
0.3
%
SR
Slew Rate
4V step
12
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-125
dBc
2Vpp, 100kHz, RL = 100Ω
-90
dBc
HD3
3rd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-127
dBc
2Vpp, 100kHz, RL = 100Ω
-85
dBc
THD
Total Harmonic Distortion
1Vpp, 1kHz, G=1, RL = 2kΩ
0.00005
%
en
Input Voltage Noise
> 10kHz
5.3
nV/√Hz
> 100kHz
3.5
nV/√Hz
DC Performance
VIO
Input Offset Voltage(1)
-1
0.050
1
mV
dVIO
Average Drift
1.3
µV/°C
Ib
Input Bias Current (1)
-2.6
-0.30
2.6
μA
dIb
Average Drift
0.85
nA/°C
Ios
Input Offset Current (1)
0.2
0.7
μA
PSRR
Power Supply Rejection Ratio (1)
DC
82
100
dB
AOL
Open-Loop Gain (1)
VOUT = VS / 2
95
115
dB
IS
Supply Current (1)
per channel
2.2
2.75
mA
Input Characteristics
RIN
Input Resistance
Non-inverting, G = 1
30
MΩ
CIN
Input Capacitance
1
pF
CMIR
Common Mode Input Range
±5.5
V
CMRR
Common Mode Rejection Ratio (1)
DC , Vcm= -3V to 3V
70
95
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 150Ω
-4.826
to 4.534
V
RL = 1kΩ (1)
-4.7
-4.93 to
4.85
4.7
V
IOUT
Output Current
+80, -55
mA
ISC
Short-Circuit Output Current
VOUT = VS / 2
+115, -90
mA
notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com