Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC1003 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics at +3V
TA = 25°C, Vs = +3V, Rf = 1kΩ, RL = 1kΩ to VS/2, G = 2; unless otherwise noted.
symbol
parameter
conditions
Min
typ
Max
units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = 10, VOUT = 0.05Vpp
31
MHz
UGBW
Unity Gain Bandwidth
VOUT = 0.05Vpp , Rf = 0
50
MHz
BWSS
-3dB Bandwidth
VOUT = 0.05Vpp
24
MHz
BWLS
Large Signal Bandwidth
VOUT = 2Vpp
3.3
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
150
ns
tS
Settling Time to 0.1%
VOUT = 2V step
78
ns
OS
Overshoot
VOUT = 2V step
0.3
%
SR
Slew Rate
2V step
11
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-98
dBc
2Vpp, 100kHz, RL = 100Ω
-85
dBc
HD3
3rd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-95
dBc
2Vpp, 100kHz, RL = 100Ω
-81
dBc
THD
Total Harmonic Distortion
1Vpp, 1kHz, G=1, RL = 2kΩ
0.0005
%
en
Input Voltage Noise
> 10kHz
5.5
nV/√Hz
> 100kHz
3.9
nV/√Hz
DC Performance
VIO
Input Offset Voltage
0.088
mV
dVIO
Average Drift
1.3
µV/°C
Ib
Input Bias Current
-0.340
μA
dIb
Average Drift
0.8
nA/°C
Ios
Input Offset Current
0.2
nA
PSRR
Power Supply Rejection Ratio
DC
100
dB
AOL
Open-Loop Gain
VOUT = VS / 2
104
dB
IS
Supply Current
per channel
1.85
mA
Input Characteristics
RIN
Input Resistance
Non-inverting, G = 1
30
CIN
Input Capacitance
1.1
pF
CMIR
Common Mode Input Range
-0.5 to
3.5
V
CMRR
Common Mode Rejection Ratio
DC , Vcm=0.5V to 2.5V
94
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 150Ω
0.085 to
2.80
V
RL = 1kΩ
0.04 to
2.91
V
IOUT
Output Current
+75, -40
mA
ISC
Short-Circuit Output Current
VOUT = VS / 2
+95, -50
mA
notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com