Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC1003 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1003
Low Distortion, Low Offset, RRIO Amplifier
Amplify the Human Experience
features
n
1mV max input offset voltage
n
0.00005% THD at 1kHz
n
5.3nV/√Hz input voltage noise >10kHz
n
-90dB/-85dB HD2/HD3 at 100kHz, RL=100Ω
n
<-100dB HD2 and HD3 at 10kHz, RL=1kΩ
n
Rail-to-Rail input and output
n
55MHz unity gain bandwidth
n
12V/μs slew rate
n
+80mA, -55mA output current
n
-40°C to +125°C operating temperature
range
n
Fully specified at 3V and ±5V supplies
n
CLC1003: Pb-free SOT23-5, SOIC-8
n
Future option CLC2003: Dual
n
Future option CLC4003: Quad
a pplication s
n
Active filters
n
Sensor interface
n
High-speed transducer amp
n
Medical instrumentation
n
Probe equipment
n
Test equipment
n
Smoke detecters
n
Hand-held analytic instruments
General Description
The COMLINEAR CLC1003 is a single channel, high-performance, voltage
feedback amplifier with near precision performance, low input voltage noise,
and ultra low distortion. The CLC1003 family of amplifiers offers 1mV maxi-
mum input offset voltage, 3.5nV/√Hz broadband input voltage noise, and
0.00005% THD at 1kHz. These amplifiers also provide 55MHz gain bandwidth
product and 12V/μs slew rate making them well suited for applications requir-
ing precision DC performance and high AC performance. These COMLINEAR
high-performance amplifiers also offer a rail-to-rail input and output, simplify-
ing single supply designs and offering larger dynamic range possibilities. The
inputs extend beyond the rails by 500mV.
The COMLINEAR CLC1003 family of amplifiers are designed to operate from
2.5V to 12V supplies and operate over the extended temperature range of
-40°C to +125°.
Typical Application - Current Sensing in 3-Phase Motor
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1003IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC1003ISO8X*
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC1003ISO8*
SOIC-8
Yes
Yes
-40°C to +85°C
Rail
CLC1003AST5X
SOT23-5
Yes
Yes
-40°C to +125°C
Reel
CLC1003ASO8X*
SOIC-8
Yes
Yes
-40°C to +125°C
Reel
CLC1003ASO8*
SOIC-8
Yes
Yes
-40°C to +125°C
Rail
*Preliminary Product Information
Moisture sensitivity level for all parts is MSL-1.
+
–
CLC1003
lph_1
lph_2
lph_3
VCC
SPM
(Smart
Power
Module)
M


Similar Part No. - CLC1003

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8EVB EXAR-CLC1003ISO8EVB Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8MTR EXAR-CLC1003ISO8MTR Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8X EXAR-CLC1003ISO8X Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003IST5EVB EXAR-CLC1003IST5EVB Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
More results

Similar Description - CLC1003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
Dual, Low Distortion, Low Offset, RRIO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com