Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1003 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOT23-6
SOIC-8
Figure 3. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive load-
ing can cause ringing, peaking in the frequency response,
and possible unstable behavior. Use a series resistance,
RS, between the amplifier and the load to help improve
stability and settling performance. Refer to Figure 4.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 4. Addition of RS for Driving
Capacitive Loads
The CLC1003 family of amplifiers is capable of driving up to
300pF directly, with no series resistance. Directly driving
500pF causes over 4dB of frequency peaking, as shown in
the plot on page 6. Table 1 provides the recommended RS
for various capacitive loads. The recommended RS values
result in <=1dB peaking in the frequency response. The
Frequency Response vs. CL plots, on page 6, illustrates
the response of the CLCx003.
CL (pF)
RS (Ω)
-3dB BW (MHz)
500
10
27
1000
7.5
20
3000
4
15
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of ad-
ditional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when ei-
ther one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The CLCx003 will typically recover in less
than 20ns from an overdrive condition. Figure 5 shows the
CLC1003 in an overdriven condition.
Figure 5. Overdrive Recovery
Considerations for Offset and Noise Performance
Offset Analysis
There are three sources of offset contribution to consider;
input bias current, input bias current mismatch, and input
offset voltage. The input bias currents are assumed to
be equal with and additional offset current in one of the
inputs to account for mismatch. The bias currents will not
affect the offset as long as the parallel combination of Rf
and Rg matches Rt. Refer to Figure 6.
IN
Rg
Rf
Rt
RL
+Vs
-Vs
+
CLC1003
Figure 6: Circuit for Evaluating Offset
-2
-2
-1
-1
0
1
1
2
2
-3
-2
-1
0
1
2
3
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Time (us)
Output
Input
VIN = .8Vpp
G = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com