Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC1003 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1003 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 1kΩ, RL = 1kΩ to GND, G = 2; unless otherwise noted.
THD vs. Frequency at VS = 3V
2nd Harmonic Distortion vs. VOUT at VS = 3V
3rd Harmonic Distortion vs. VOUT at VS = 3V
2nd Harmonic Distortion vs. RL at VS = 3V
3rd Harmonic Distortion vs. RL at VS = 3V
-100
-90
-80
-70
-60
-50
-40
100
200
300
400
500
600
700
800
900
1000
Frequency (KHz)
RL = 100Ω
VOUT = 2Vpp
RL = 10KΩ
RL = 1KΩ
RL = 500Ω
-100
-90
-80
-70
-60
-50
-40
100
200
300
400
500
600
700
800
900
1000
Frequency (KHz)
RL = 100Ω
VOUT = 2Vpp
RL = 10KΩ
RL = 1KΩ
RL = 500Ω
-100
-90
-80
-70
-60
-50
-40
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
RF=RL=10K
RF=RL=1K
FREQ = 500KHz
-100
-90
-80
-70
-60
-50
-40
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
RF=RL=10K
RF=RL=1K
FREQ = 500KHz
-100
-95
-90
-85
-80
-75
-70
-65
100
200
300
400
500
600
700
800
900
1000
Frequency (kHz)
VOUT = 1Vpp
RL = 1K
AV+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com