Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3632PCB Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT3632PCB
Description  512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3632PCB Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT3632PCB Datasheet HTML 1Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 2Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 3Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 4Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 5Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 6Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 7Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 8Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN74ACT3632
512
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS224D – JUNE 1992 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
I/O
DESCRIPTION
A0 – A35
I/O
Port-A data. The 36-bit bidirectional data port for side A.
AEA
O
(port A)
Port-A almost-empty flag. Programmable flag synchronized to CLKA. AEA is low when the number of words in FIFO2
is less than or equal to the value in the almost-empty A offset register, X2.
AEB
O
(port B)
Port-B almost-empty flag. Programmable flag synchronized to CLKB. AEB is low when the number of words in FIFO1
is less than or equal to the value in the almost-empty B offset register, X1.
AFA
O
(port A)
Port-A almost-full flag. Programmable flag synchronized to CLKA. AFA is low when the number of empty locations in
FIFO1 is less than or equal to the value in the almost-full A offset register, Y1.
AFB
O
(port B)
Port-B almost-full flag. Programmable flag synchronized to CLKB. AFB is low when the number of empty locations in
FIFO2 is less than or equal to the value in the almost-full B offset register, Y2.
B0 – B35
I/O
Port-B data. The 36-bit bidirectional data port for side B.
CLKA
I
Port-A clock. CLKA is a continuous clock that synchronizes all data transfers through port A and can be asynchronous
or coincident to CLKB. IRA, ORA, AFA, and AEA are all synchronized to the low-to-high transition of CLKA.
CLKB
I
Port-B clock. CLKB is a continuous clock that synchronizes all data transfers through port B and can be asynchronous
or coincident to CLKA. IRB, ORB, AFB, and AEB are synchronized to the low-to-high transition of CLKB.
CSA
I
Port-A chip select. CSA must be low to enable a low-to-high transition of CLKA to read or write data on port A. The
A0 – A35 outputs are in the high-impedance state when CSA is high.
CSB
I
Port-B chip select. CSB must be low to enable a low-to-high transition of CLKB to read or write data on port B. The
B0 – B35 outputs are in the high-impedance state when CSB is high.
ENA
I
Port-A enable. ENA must be high to enable a low-to-high transition of CLKA to read or write data on port A.
ENB
I
Port-B enable. ENB must be high to enable a low-to-high transition of CLKB to read or write data on port B.
FS1, FS0
I
Flag-offset selects. The low-to-high transition of a FIFO reset input latches the values of FS0 and FS1. If either FS0
or FS1 is high when a reset input goes high, one of three preset values is selected as the offset for the FIFO AF and
AE flags. If both FIFOs are reset simultaneously and both FS0 and FS1 are low when RST1 and RST2 go high, the
first four writes to FIFO1 program the almost-full and almost-empty offsets for both FIFOs.
IRA
O
(port A)
Input-ready flag. IRA is synchronized to the low-to-high transition of CLKA. When IRA is low, FIFO1 is full and writes
to its array are disabled. IRA is set low when FIFO1 is reset and is set high on the second low-to-high transition of CLKA
after reset.
IRB
O
(port B)
Input-ready flag. IRB is synchronized to the low-to-high transition of CLKB. When IRB is low, FIFO2 is full and writes
to its array are disabled. IRB is set low when FIFO2 is reset and is set high on the second low-to-high transition of CLKB
after reset.
MBA
I
Port-A mailbox select. A high level on MBA chooses a mailbox register for a port-A read or write operation. When the
A0 – A35 outputs are active, a high level on MBA selects data from the mail2 register for output and a low level selects
FIFO2 output-register data for output.
MBB
I
Port-B mailbox select. A high level on MBB chooses a mailbox register for a port-B read or write operation. When the
B0 – B35 outputs are active, a high level on MBB selects data from the mail1 register for output and a low level selects
FIFO1 output-register data for output.
MBF1
O
Mail1 register flag. MBF1 is set low by the low-to-high transition of CLKA that writes data to the mail1 register. Writes
to the mail1 register are inhibited while MBF1 is low. MBF1 is set high by a low-to-high transition of CLKB when a port-B
read is selected and MBB is high. MBF1 is set high when FIFO1 is reset.
MBF2
O
Mail2 register flag. MBF2 is set low by the low-to-high transition of CLKB that writes data to the mail2 register. Writes
to the mail2 register are inhibited while MBF2 is low. MBF2 is set high by a low-to-high transition of CLKA when a port-A
read is selected and MBA is high. MBF2 is also set high when FIFO2 is reset.
ORA
O
(port A)
Output-ready flag. ORA is synchronized to the low-to-high transition of CLKA. When ORA is low, FIFO2 is empty and
reads from its memory are disabled. Ready data is present on the output register of FIFO2 when ORA is high. ORA
is forced low when FIFO2 is reset and goes high on the third low-to-high transition of CLKA after a word is loaded to
empty memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com