Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3632PCB Datasheet(PDF) 23 Page - Texas Instruments

Part # SN74ACT3632PCB
Description  512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3632PCB Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN74ACT3632PCB Datasheet HTML 19Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 20Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 21Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 26Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SN74ACT3632
512
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS224D – JUNE 1992 – REVISED APRIL 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = – 4 mA
2.4
V
VOL
VCC = 4.5 V,
IOL = 8 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC
VCC = 5.5 V,
VI = VCC – 0.2 V or 0
400
µA
‡
CSA = VIH
A0 – A35
0
‡
V5 5 V
O
i
t t 3 4 V
CSB = VIH
B0 – B35
0
∆ICC‡
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
CSA = VIL
A0 – A35
1
mA
CC
Other in uts at VCC or GND
CSB = VIL
B0 – B35
1
All other inputs
1
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the supply current when each input is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 through 17)
’ACT3632-15
’ACT3632-20
’ACT3632-30
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CLKA or CLKB
66.7
50
33.4
MHz
tc
Clock cycle time, CLKA or CLKB
15
20
30
ns
tw(CLKH)
Pulse duration, CLKA and CLKB high
6
8
10
ns
tw(CLKL)
Pulse duration, CLKA and CLKB low
6
8
10
ns
tsu(D)
Setup time, A0 – A35 before CLKA
↑ and B0–B35 before CLKB↑
4
5
6
ns
tsu(EN)
Setup time, CSA, W/RA, ENA, and MBA before CLKA
↑; CSB,
W/RB, ENB, and MBB before CLKB
↑
4.5
5
6
ns
tsu(RS)
Setup time, RST1 or RST2 low before CLKA
↑ or CLKB↑§
5
6
7
ns
tsu(FS)
Setup time, FS0 and FS1 before RST1 and RST2 high
7.5
8.5
9.5
ns
th(D)
Hold time, A0 – A35 after CLKA
↑ and B0–B35 after CLKB↑
1
1
1
ns
th(EN)
Hold time, CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB,
ENB, and MBB after CLKB
↑
1
1
1
ns
th(RS)
Hold time, RST1 or RST2 low after CLKA
↑ or CLKB↑§
4
4
5
ns
th(FS)
Hold time, FS0 and FS1 after RST1 and RST2 high
2
3
3
ns
tsk1¶
Skew time between CLKA
↑ and CLKB↑ for ORA, ORB,
IRA, and IRB
7.5
9
11
ns
tsk2¶
Skew time between CLKA
↑ and CLKB↑ for AEA, AEB,
AFA, and AFB
12
16
20
ns
§ Requirement to count the clock edge as one of at least four needed to reset a FIFO
¶ Skew time is not a timing constraint for proper device operation and is included only to illustrate the timing relationship between CLKA cycle and
CLKB cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com