Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3632PCB Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ACT3632PCB
Description  512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3632PCB Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT3632PCB Datasheet HTML 1Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 2Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 3Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 4Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 5Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 6Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 7Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 8Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SN74ACT3632
512
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS224D – JUNE 1992 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The SN74ACT3632 is a high-speed, low-power CMOS clocked bidirectional FIFO memory. It supports clock
frequencies up to 67 MHz and has read access times as fast as 11 ns. Two independent 512
× 36 dual-port
SRAM FIFOs on the chip buffer data in opposite directions. Each FIFO has flags to indicate empty and full
conditions and two programmable flags, almost full (AF) and almost empty (AE) to indicate when a selected
number of words is stored in memory. Communication between each port can bypass the FIFOs via two 36-bit
mailbox registers. Each mailbox register has a flag to signal when new mail has been stored. Two or more
devices can be used in parallel to create wider datapaths.
The SN74ACT3632 is a clocked FIFO, which means each port employs a synchronous interface. All data
transfers through a port are gated to the low-to-high transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or coincident. The enables for each port
are arranged to provide a simple bidirectional interface between microprocessors and/or buses with
synchronous control.
The input-ready (IRA, IRB) flag and almost-full (AFA, AFB) flag of a FIFO are two-stage synchronized to the
port clock that writes data to its array. The output-ready (ORA, ORB) flag and almost-empty (AEA, AEB) flag
of a FIFO are two-stage synchronized to the port clock that reads data from its array. Offset values for the AF
and AE flags of both FIFOs can be programmed from port A.
The SN74ACT3632 is characterized for operation from 0
°C to 70°C.
For more information on this device family, see the following application reports:
• FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control
(literature number SCAA007)
• Interfacing TI Clocked FIFOs With TI Floating-Point Digital Signal Processors (literature number
SCAA005)
• Metastability Performance of Clocked FIFOs (literature number SCZA004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com