Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3632PCB Datasheet(PDF) 24 Page - Texas Instruments

Part # SN74ACT3632PCB
Description  512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3632PCB Datasheet(HTML) 24 Page - Texas Instruments

Back Button SN74ACT3632PCB Datasheet HTML 19Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 20Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 21Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 26Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
SN74ACT3632
512
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS224D – JUNE 1992 – REVISED APRIL 1998
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF (see Figures 1 through 17)
PARAMETER
’ACT3632-15
’ACT3632-20
’ACT3632-30
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
66.7
50
33.4
MHz
ta
Access time, CLKA
↑ to A0–A35 and CLKB↑ to B0–B35
3
11
3
13
3
15
ns
tpd(C-IR)
Propagation delay time, CLKA
↑ to IRA and CLKB↑ to IRB
2
8
2
10
2
12
ns
tpd(C-OR)
Propagation delay time, CLKA
↑ to ORA and CLKB↑ to ORB
1
8
1
10
1
12
ns
tpd(C-AE)
Propagation delay time, CLKA
↑ to AEA and CLKB↑ to AEB
1
8
1
10
1
12
ns
tpd(C-AF)
Propagation delay time, CLKA
↑ to AFA and CLKB↑ to AFB
1
8
1
10
1
12
ns
tpd(C-MF)
Propagation delay time, CLKA
↑ to MBF1 low or MBF2 high and
CLKB
↑ to MBF2 low or MBF1 high
0
8
0
10
0
12
ns
tpd(C-MR)
Propagation delay time, CLKA
↑ to B0–B35† and CLKB↑ to
A0 – A35‡
3
13.5
3
15
3
17
ns
tpd(M-DV)
Propagation delay time, MBA to A0 – A35 valid and MBB to
B0 – B35 valid
3
11
3
13
3
15
ns
tpd(R-F)
Propagation delay time, RST1 low to AEB low, AFA high, and
MBF1 high, and RST2 low to AEA low, AFB high, and MBF2 high
1
15
1
20
1
30
ns
ten
Enable time, CSA and W/RA low to A0 – A35 active and CSB low
and W/RB high to B0 – B35 active
2
12
2
13
2
14
ns
tdis
Disable time, CSA or W/RA high to A0 – A35 at high impedance
and CSB high or W/RB low to B0 – B35 at high impedance
1
8
1
12
1
11
ns
† Writing data to the mail1 register when the B0 – B35 outputs are active and MBB is high
‡ Writing data to the mail2 register when the A0 – A35 outputs are active and MBA is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com