Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3632PCB Datasheet(PDF) 26 Page - Texas Instruments

Part # SN74ACT3632PCB
Description  512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3632PCB Datasheet(HTML) 26 Page - Texas Instruments

Back Button SN74ACT3632PCB Datasheet HTML 19Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 20Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 21Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 26Page - Texas Instruments SN74ACT3632PCB Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
SN74ACT3632
512
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS224D – JUNE 1992 – REVISED APRIL 1998
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
300
0
102030405060
70
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
fdata = 1/2 fclock
TA = 75°C
CL = 0 pF
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com