Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1250CMP Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP1250CMP
Description  2A Sink/Source Bus Termination Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1250CMP Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP1250CMP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Application Diagram
R1 = R2 = 100KΩ, RTT = 50Ω/33Ω/25Ω
COUT, min = 10µF (Ceramic) + 1000µF under the worst case testing condition
CSS = 1µF, CIN = 470µF(Low ESR), CCNTL = 47µF
AP1250CMP
Advanced Power
Electronics Corp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com