Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1250CMP Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP1250CMP
Description  2A Sink/Source Bus Termination Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1250CMP Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP1250CMP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Application Information
Input Capacitor and Layout Consideration
Place the input bypass capacitor as close as
possible to the
AP1250CMP. A low ESR capacitor
larger than 470uF is recommended for the input
capacitor. Use short and wide traces to minimize
parasitic resistance and inductance.
Inappropriate layout may result in large parasitic
inductance
and
cause
undesired
oscillation
between
AP1250CMP and the preceding power
converter.
Consideration while designs the resistance of
voltage divider
Make sure the sinking current capability of
pull-down NMOS if the lower resistance was
chosen so that the voltage on VREFEN is below 0.2V.
In addition, the capacitor and voltage divider form
the lowpass filter. There are two reasons doing this
design; one is for output voltage soft-start while
another is for noise immunity.
Thermal Consideration
AP1250CMP regulators have internal thermal limiting
circuitry designed to protect the device during
overload conditions.For continued operation, do not
exceed maximum operation junction temperature
125℃. The power dissipation definition in device is:
PD = (VIN - VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout, the
rate of surroundings airflow and temperature
difference between junction to ambient. The
maximum power dissipation can be calculated by
following formula:
PD(MAX) = ( TJ(MAX) -TA ) /ΘJA
Where TJ(MAX) is the maximum operation junction
temperature 125℃, TA is the ambient temperature
and the ΘJA is the junction to ambient thermal
resistance. The junction to ambient thermal
resistance (ΘJA is layout dependent) for
ESOP-8
package (Exposed Pad) is 75℃/W on standard
JEDEC 51-7 (4 layers, 2S2P) thermal test board.
The maximum power dissipation at TA = 25℃ can
be calculated by following formula:
PD(MAX) = (125℃ - 25℃) / 75℃/W = 1.33W
The thermal resistanceΘJA of
ESOP-8 (Exposed
Pad) is determined by the package design and the
PCB design. However, the package design has
been decided. If possible, it's useful to increase
thermal performance by the PCB design. The
thermal resistance can be decreased by adding
copper under the expose pad of
ESOP-8 package.
We have to consider the copper couldn't stretch
infinitely and avoid the tin overflow.
AP1250CMP
Advanced Power
Electronics Corp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com