Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1250CMP Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP1250CMP
Description  2A Sink/Source Bus Termination Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1250CMP Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP1250CMP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Outline : ESOP-8
Millimeters
SYMBOLS
MIN
NOM
MAX
A
5.80
6.00
6.20
B
4.80
4.90
5.00
C
3.80
3.90
4.00
D
0°4°8°
E
0.40
0.65
0.90
F
0.19
0.22
0.25
M
0.00
0.08
0.15
0.35
0.42
0.49
L
1.35
1.55
1.75
J
K
G
1.All Dimension Are In Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : ESOP-8
1.27 TYP.
H
ADVANCED POWER ELECTRONICS CORP.
0.375 REF.
45°
J
L
1250CMP
YWWSSS
Package Code
Part Number
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
G
H
1
34
5
6
7
8
2
C
A
B
A2
I
NOTES:Thermal Pad Dimemsions 2.25 ±0.1
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com