Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1250CMP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP1250CMP
Description  2A Sink/Source Bus Termination Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1250CMP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP1250CMP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Description
The
AP1250CMP is a simple, cost-effective and
high-speed linear regulator designed to generate
termination voltage in double data rate (DDR)
memory system to comply with the JEDEC SSTL_2
and SSTL_18 or other specific interfaces such as
HSTL,
SCSI-2
and
SCSI-3
etc.
devices
requirements. The regulator is capable of actively
sinking or sourcing up to 2A while regulating an
output voltage to within 40mV. The output
termination voltage cab be tightly regulated to track
1/2VDDQ by two external voltage divider resistors or
the desired output voltage can be pro-grammed by
externally forcing the REFEN pin voltage.
The
AP1250CMP also incorporates a high-speed
differential amplifier to provide ultra-fast response in
line/load transient. Other features include extremely
low initial offset voltage, excellent load regulation,
current limiting in bi-directions and on-chip thermal
shut-down protection.
The
AP1250CMP are available in the ESOP-8
(Exposed Pad) surface mount packages.
Features
Ideal for DDR-I, DDR-II and DDR-III VTT Applications
Sink and Source 2A Continuous Current
Integrated Power MOSFETs
Generates Termination Voltage for SSTL_2, SSTL
_18, HSTL, SCSI-2 and SCSI-3 Interfaces.
High Accuracy Output Voltage at Full-Load
Output Adjustment by Two External Resistors
Low External Component Count
Shutdown for Suspend to RAM (STR) Functionality
with High-Impedance Output
Current Limiting Protection
On-Chip Thermal Protection
Available in
ESOP-8 (Exposed Pad) Packages
VIN and VCNTL No Power Sequence Issue
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configuration
Application
Desktop PCs, Notebooks, and Workstations
Graphics Card Memory Termination
Set Top Boxes, Digital TVs, Printers
Embedded Systems
Active Termination Buses
DDR-I, DDR-II and DDR-III Memory Systems
Block Diagram
Pin Description
Pin Name
Pin function
VIN
Power Input
GND
Ground
VCNTL
Gate Drive Voltage
REFEN
Reference Voltage input and Chip Enable
VOUT
Output Voltage
Advanced Power
Electronics Corp.
AP1250CMP
2A Sink/Source Bus Termination Regulator
200901074
GND
VOUT
VIN
REFEN
NC
VCNTL
NC
NC
1
3
2
4
8
6
7
5
ESOP-8 (MP)
(Top View)
GND


Similar Part No. - AP1250CMP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GH A-POWER-AP1250GH Datasheet
104Kb / 5P
1.5A / 3A Bus Termination Regulator
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
1.5A / 3A Bus Termination Regulator
More results

Similar Description - AP1250CMP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com