Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1250CMP Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP1250CMP
Description  2A Sink/Source Bus Termination Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1250CMP Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP1250CMP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1250CMP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Characteristics
VIN=2.5V/1.8V/1.5V, VCNTL=3.3V, VREFEN=1.25V/0.9V/0.75V, COUT=10µF (Ceramic)), TA=25ºC, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input
VCNTL Operation Current
ICNTL
IOUT=0A
--
1
2.5
mA
Standby Current
ISTBY
VREFEN < 0.2V (Shutdown),RLOAD = 180Ω
--
50
90
µA
Output (DDR / DDR II / DDR III)
Output Offset Voltage
(3)
VOS
IOUT= 0A
-20
--
+20
IOUT= +2A
Load Regulation
(4)
Δ
VLOAD
IOUT= -2A
-20
--
+20
mV
Protection
Current limit
ILIM
2.2
--
--
A
Thermal Shutdown Temperature
TSD
3.3V ≤ VCNTL ≤ 5V
125
170
--
Thermal Shutdown Hysteresis
Δ
TSD
3.3V ≤ VCNTL ≤ 5V
--
35
--
℃
REFEN Shutdown
VIH
Enable
0.6
--
--
Shutdown Threshold
VIL
Shutdown
--
--
0.2
V
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2:
VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN
Note 3:
VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.
Note 4:
Regulation is measured at constant junction temperature by using a 5ms current pulse. Devices are tested for load
regulation in the load range from 0A to 2A.
AP1250CMP
Advanced Power
Electronics Corp.
Absolute Maximum Rating
(1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
6
V
Control Voltage
VCNTL
6
V
Power Dissipation
PD
Internally Limited
--
Storage Temperature Range
TS
-65 to 150
°C
Lead Temperature (Soldering, 5 sec.)
TLEAD
260
°C
Package Thermal Resistance
ΘJC
28
ºC/W
Operating Rating
(2)
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.5 to 1.5 ±3%
V
Control Voltage
VCNTL
5.5 or 3.3 ±5%
V
Ambient Temperature
TA
-40 to +85
℃
Junction Temperature
TJ
-40 to +125
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com