Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC50 Datasheet(PDF) 7 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC50 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 3Page - Texas Instruments THMC50 Datasheet HTML 4Page - Texas Instruments THMC50 Datasheet HTML 5Page - Texas Instruments THMC50 Datasheet HTML 6Page - Texas Instruments THMC50 Datasheet HTML 7Page - Texas Instruments THMC50 Datasheet HTML 8Page - Texas Instruments THMC50 Datasheet HTML 9Page - Texas Instruments THMC50 Datasheet HTML 10Page - Texas Instruments THMC50 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac electrical characteristics, VCC3 = V(VCC3AUX) = 3.3 V, TA = 25°C (see Notes 6 and 7) (unless
otherwise noted)
temperature-to-digital converter timing parameters: Remote_Diode+, Remote_Diode–
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
t(SAMPLE)
Temperature-to-digital acquisition sample rate
0.75
1
1.25
sa/s
reset function timing parameters: VCC3, VCC3AUX, MR, AUXRST, RST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
t(RP)
RST and AUXRST pulse duration
See Figures 17–20
140
560
ms
t(VCC3RST)
VCC3 to RST delay
See Figures 17–20
20
µs
t(VCC3AUX1)
VCC3AUX to AUXRST delay
See Figures 17–20
20
µs
t(VCC3AUX2)
VCC3AUX to RST delay
See Figures 17–20
20
µs
t(MR)
MR input to RST delay
See Figures 17–20
0.5
µs
t(RST)
AUXRST input to RST delay
See Figures 17–20
0.5
µs
t(MRMIN)
MR input minimum pulse width
10
µs
t(AUXRSTMIN)
AUXRST input minimum pulse width
10
µs
t(GLITCH)
MR, AUXRST glitch immunity
100
ns
SMBus interface timing parameters: SCL, SDA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
f(SCL)
SCL operating frequency
See Figure 1
10
100
kHz
t(BUF)
Bus free time between stop and start condition
See Figure 1
4.7
µs
t(HDSTA)
Hold time after (repeated) start condition. After this period,
the first clock is generated
See Figure 1
4
µs
t(SUSTA)
Repeated start condition setup time
See Figure 1
4.7
µs
t(SUSTO)
Stop condition setup time
See Figure 1
4
µs
t(HDDAT)
Data hold time
See Figure 1
300
ns
t(SUDAT)
Data setup time
See Figure 1
250
ns
t(LOW)
SCL clock low period
See Figure 1
4.7
µs
t(HIGH)
SCL clock high period
See Figure 1
4
50
µs
t(LOWSEXT)
Cumulative clock low extend time (slave device)
See Figure 1
25
ms
t(LOWMEXT)
Cumulative clock low extend time (master device)
See Figure 1
10
ms
tF
Clock/data fall time
See Figure 1
300
ns
tR
Clock/data rise time
See Figure 1
1000
ns
NOTES:
6. Typicals are at TJ = TA = 25°C with V(VCC3AUX) = 3.3 V and represent most likely parametric norm.
7. Timing specifications are tested at the TTL logic levels, VIL = 0.4 V for a falling edge and VIH = 2.4 V for a rising edge. The 3-state
output voltage is forced to 1.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com