Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC50 Datasheet(PDF) 18 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC50 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 14Page - Texas Instruments THMC50 Datasheet HTML 15Page - Texas Instruments THMC50 Datasheet HTML 16Page - Texas Instruments THMC50 Datasheet HTML 17Page - Texas Instruments THMC50 Datasheet HTML 18Page - Texas Instruments THMC50 Datasheet HTML 19Page - Texas Instruments THMC50 Datasheet HTML 20Page - Texas Instruments THMC50 Datasheet HTML 21Page - Texas Instruments THMC50 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
temperature measurement system (continued)
8-Bit A/D
Converter
REMOTE_DIODE+
Substrate
On-Chip Temperature
Sensor
GND
10
µA
90
µA
Control
State
Machine
Analog
MUX
Die
Substrate
REMOTE_DIODE–
Low-Pass
Filter
Remote
Temperature
Sensor
(CPU)
THMC50
Front End
Remote
VCC3AUX
Figure 14. THMC50 Temperature-to-Digital Converter Analog Front-End Block Diagram
temperature interrupts
There are two value RAM limits for the temperature reading that affect the interrupt behavior of the THMC50.
They are remote thermal diode high limit and remote thermal diode low limit.
temperature interrupt operation
Exceeding any of the value RAM thermal limits results in the INT output being asserted (if the corresponding
mask bits are not set) and respective status bit to be set. The INT output remains asserted until cleared by either
reading the interrupt status register, or setting the INT clear (bit 2) of the configuration register. Status bits are
cleared by reading the interrupt status register. The INT output can only be asserted again if the appropriate
high limit is reprogrammed. If the high limit is not reprogrammed, then the INT output is asserted again once
the temperature falls below the appropriate low limit. The INT output is now asserted again if the temperature
again rises above the appropriate high limit or falls below the appropriate low limit. See Figure 15 for an example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com