Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC50 Datasheet(PDF) 30 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC50 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 24Page - Texas Instruments THMC50 Datasheet HTML 25Page - Texas Instruments THMC50 Datasheet HTML 26Page - Texas Instruments THMC50 Datasheet HTML 27Page - Texas Instruments THMC50 Datasheet HTML 28Page - Texas Instruments THMC50 Datasheet HTML 29Page - Texas Instruments THMC50 Datasheet HTML 30Page - Texas Instruments THMC50 Datasheet HTML 31Page - Texas Instruments THMC50 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Embedded
Controller
With
SMBus
THMC50
VCC3AUX
VCC3AUX
C1
C2
R6
VCC3AUX
AUXRST
VCC3
R7
RST
MR
GPI
R8
THERM
VCC3AUX
R9
INT
VCC3AUX R10
SCL
VCC3AUX
R11
SDA
ADD/NTEST_OUT
VCC3AUX
GND
13
4
9
10
16
15
14
11
12
2
7
3
56
8
1
FAN_OFF
FAN_SPD/NTEST_IN
VCC3
C3
C4
+12V
+12V
LM324
+5 V
R3
Q1
2N2219A
R1
R2
MMFT3055EL
M1
REMOTE_DIODE+
REMOTE_DIODE–
B14
B15
C5
2200 pF
R4
R5
VCC3
Pentium®
Intel®
10 k
Ω
10 k
Ω
0.1
µF
10
µF
0.1
µF
10
µF
10 k
Ω
10 k
Ω
36 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
300 k
Ω
10 k
Ω
_
+
Figure 23. Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com