Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC50 Datasheet(PDF) 27 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC50 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 23Page - Texas Instruments THMC50 Datasheet HTML 24Page - Texas Instruments THMC50 Datasheet HTML 25Page - Texas Instruments THMC50 Datasheet HTML 26Page - Texas Instruments THMC50 Datasheet HTML 27Page - Texas Instruments THMC50 Datasheet HTML 28Page - Texas Instruments THMC50 Datasheet HTML 29Page - Texas Instruments THMC50 Datasheet HTML 30Page - Texas Instruments THMC50 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
manufacturer’s test register - address 0x15
This register should only be used by Texas Instruments for testing. Reading or writing to this register during
normal use leads to erroneous events or measurements.
analog output - address 0x19
This register latches an 8-bit value into an R-2R D/A to provide a range of 0 V–2.5 V, accuracy can be
±5% or
more.
company ID - address 0x3E
This location contains the company identification number for TI – 0x49. This register is read only.
stepping - address 0x3F
This location contains the stepping number of the part in the lower four bits of the register [3:0]. The upper four
bits reflect the THMC50 version number [7:4]. The first version is 1100. The next version of the THMC50 would
be 1101, etc. For example, if the stepping were A0 and this part is a THMC50-1, then this register would read
1100 0000. This register is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com