Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC50 Datasheet(PDF) 20 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC50 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 16Page - Texas Instruments THMC50 Datasheet HTML 17Page - Texas Instruments THMC50 Datasheet HTML 18Page - Texas Instruments THMC50 Datasheet HTML 19Page - Texas Instruments THMC50 Datasheet HTML 20Page - Texas Instruments THMC50 Datasheet HTML 21Page - Texas Instruments THMC50 Datasheet HTML 22Page - Texas Instruments THMC50 Datasheet HTML 23Page - Texas Instruments THMC50 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
THERM operation (continued)
Temperature
5
°C
FAN_SPD/NTEST_IN
0xFF
0xFF
Programmed
value
External
THERM
input
THERM
FAN_OFF
FAN_OFF
commanded
low by user
5
°C Hysteresis
THERM goes low after three
consecutive readings that exceed
the trip point, and stays low until
three consecutive readings that
are at least 5
°C below the trip
point.
Default or
Programmable
THERM Limit
FAN_SPD/NTEXT_IN goes to full
scale (0xFF) whenever THERM is
asserted internally or externally,
returns to previously programmed
value once THERM is cleared.
FAN_OFF floats
high due to THERM
Figure 16. Examples of THMC50 THERM Event Behavior
temperature data format
Temperature data can be read from the remote diode temperature register or the ambient temperature register
in the value RAM (locations 0x26 and 0x27, respectively). Temperature data is represented by an 8-bit, 2s
complement word with an LSB equal to 1
°C as shown in Table 2.
Table 2. T
emperature Data Format
TEMPERATURE
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
125
°C
0111 1101
0x7D
25
°C
0001 1001
0x19
1
°C
0000 0001
0x01
0
°C
0000 0000
0x00
–1
°C
1111 1111
0xFF
–25
°C
1110 0111
0xE7
–55
°C
1100 1001
0xC9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com