Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMF104 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMF104
Description  Flash/SRAM Memory
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMF104 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMF104 Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICROSPACE PC/104
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Description
The MICROSPACE module MSMF104 board integrates
two 32 Pin DIP sockets, which will allow a user to have as
little as 2MB and as much as 288MB of Flash memory by
utilizing M-Systems DiskOnChip devices.
The board was designed to provide the end user with a
solution for CPU boards that do not have any Flash mem-
ory directly on the board, or have too little of it. Since the
board is based on the PC/104 standard, it can be used with
any PC/104 CPU or any SBC that provides a 16 Bit Bus
interface.
As an option, the MSMF104 can be equipped with SRAM
Memory or Flash Memory that is directly soldered onto the
board.
Ordering Information
Item Codes
Part#
Description
MSMF104-2D
806020
Dual Socket for 2 DiskOnChip Devices
Technical Specifications
FEATURES
FUNCTIONS
Function
Flashdisk
Controller
2x DiskOnChip
Connector
–
Bus
ISA
Remarks
max. 2x 144MB
Remarks
–
Power Normal
5V/100mA (typ.)
Power Suspended
5V/100mA (typ.)
Operating Temperature
-25°C to +70°C
Extended Temperature
–40°C to +85°C
Weight (gr)
100
MTBF
>100´000h
Flash/SRAM Memory - MSMF104
Feature
• Compatible with any PC/104 CPU or CPU that provides a
PC/104 Bus interface
• Ideal for ruggedized applications
• 2x Diskon Chip Sockets
• 16 Bit ISA Bus
• Supports most Operating Systems
• Low Power Consumption
Option
• SRAM
• Soldered Flash


Similar Part No. - MSMF104

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF12 PROTEC-MSMF12 Datasheet
100Kb / 4P
STANDARD TVS ARRAY
MSMF12 PROTEC-MSMF12 Datasheet
518Kb / 6P
MULTI-LINE TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
101Kb / 4P
STANDARD TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
74Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
More results

Similar Description - MSMF104

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
MT28C3214P2FL MICRON-MT28C3214P2FL Datasheet
520Kb / 42P
FLASH AND SRAM COMBO MEMORY
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
FLASH AND SRAM COMBO MEMORY
MT28C6428P20 MICRON-MT28C6428P20 Datasheet
571Kb / 48P
FLASH AND SRAM COMBO MEMORY
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
64M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Texas Instruments
DK-LM3S9B96-FS8 TI-DK-LM3S9B96-FS8 Datasheet
200Kb / 5P
Stellaris짰 Flash and SRAM Memory Expansion Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com