Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5904PZP
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5904PZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 5Page - Texas Instruments TLC5904PZP Datasheet HTML 6Page - Texas Instruments TLC5904PZP Datasheet HTML 7Page - Texas Instruments TLC5904PZP Datasheet HTML 8Page - Texas Instruments TLC5904PZP Datasheet HTML 9Page - Texas Instruments TLC5904PZP Datasheet HTML 10Page - Texas Instruments TLC5904PZP Datasheet HTML 11Page - Texas Instruments TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics,
MIN/MAX: VCCLOG= VCCANA = VCCLED = 4.5 V to 5.5 V, TA = – 20 to 85°C
TYP: VCCLOG = VCCANA = VCCLED = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DOUTn, GSOUT, BOUT,
IOH = – 1.0mA
VCCLOG
– 0.5
V
VOL
Low-level output voltage
DOUTn, GSOUT, BOUT,
IOL = 1.0mA,
0.5
V
OL
g
XDOWN1, XDOWN2, IOL = 5 mA
0.5
II
Input current
VIN = VCCLOG or GNDLOG
±1
µA
ILOG
Supply current (logic)
Input signal is static,T SENA = H,
WDCAP = OPEN
1
mA
ILOG
Supply current (logic)
Data transfer,D
CLK = 15 MHz,
GSCLK = 8 MHz
18
30
mA
IANA
Supply current (analog)
LED turnon,
RIREF = 590 Ω
3
5
mA
IANA
Supply current (analog)
LED turnoff
RIREF = 590 Ω
3
5
mA
LED turnoff,
RIREF = 1180 Ω
15
20
LED turnoff,
RIREF =590 Ω
30
40
ILED
Supply current (constant current driver)
VOUT = 1 V.
RIREF = 1180 Ω
All output bits turn on
25
35
mA
VOUT = 1,
RIREF = 590 Ω
All output bits turn on
50
70
IOLC1
Constant output current (includes error
between bits)
VOUT = 1 V,
RIREF = 1180 Ω
35
40
45
mA
IOLC2
Constant output current (includes error
between bits)
VOUT = 1 V,
RIREF = 590 Ω
70
80
90
mA
OUT0 to OUT15 (VOUTn = 15 V)
0.1
µA
IOLK
Constant output leakage current
XDOWN1,2 (VXDOWNn = 15 V)
1
µA
IOLK
Constant out ut leakage current
DOUTn,
(VOUTn = VCCLOG or GND)
1
µA
∆IOLC
Constant output current error between bit
VCCLOG=VCCANA=VCCLED=5 V,
VOUT = 1 V,
RIREF = 590 Ω
All output bits turn on
±1%
±4%
I
∆OLC1
Changes in constant output current depend
on supply voltage
VOUT = 1 V,
RIREF = 1180 Ω,
VIREF = 1.24 V,
1 bit output turn on
±1
±4
%/V
I
∆OLC2
Changes in constant output current depend
on output voltage
VOUT = 1 V to 3 V, RIREF = 1180 Ω,
VIREF = 1.24 V,
1 bit output turn on
±1
±2
%/V
Ttsd
TSD detection temperature
Junction temperature
150
160
170
°C
Twdt
WDT detection temperature
No external capacitor
5
10
15
ms
VIREF
Voltage reference
BCENA = L,
RIREF = 590 Ω
1.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com