Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5904PZP
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5904PZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 11Page - Texas Instruments TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments TLC5904PZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
brightness control function
By writting data into the brightness control latch, the current on all constant current outputs can be adjusted to
control the variation of brightness between ICs and the division ratio for the gray scale clock can be set to control
the variation of brigtness for the total panel system.
output current adjustment on all constant current outputs – brightness adjustment between ICs
By using the lower 5 bits of the brightness control latch, the output current can be adjusted to 32 steps. 1 step
is 1.6% of the current ratio between 100% and 51.6% when the set output current is 100% by an external resistor.
By using this function, the brightness control between modules (ICs) can be adjusted sending desired data
externally even if ICs are mounted on print-circuit board. When BCENA is pulled low, output current is set to
100%.
Table 3. Relative Current Ratio For Total Constant Current Output
CODE
CURRENT RATIO (%)
20 (mA)
80 (mA)
VIREF (TYP)
MSB 00000 LSB
51.6
10.3
41.3
0.63
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
11110
98.4
19.7
78.7
1.22
11111†
100
20.0
80.0
1.24
† BCENA is low.
frequency division ratio setting for gray scale clock – panel brightness adjustment
By using the upper 3 bits of the brightness control latch, the gray scale clock can be divided into a frequency
division ratio of 1/1 to 1/8. If the gray scale clock is set to 8 times the speed (256x8=2048) of frequency during
horizontal scanning time, the brightness can be adjusted to 8 steps selecting the frequency division ratio. By
using this function, the total panel brightness can be adjusted at once, and it applies to the brightness of day
or night circumstances. When BCENA is pulled low, the gray scale clock is not divided. When BCENA is pulled
high, the brightness can be adjusted (see Table 4).
Table 4. Relative Brightness Ratio For Total Constant Current Output
CODE
FREQUENCY
DIVISION RATIO
RELATIVE BRIGHTNESS RATIO
(%)
MSB 000 LSB†
1/1
12.5
.
.
.
.
.
.
.
.
.
.
.
.
110
1/7
87.5
111
1/8
100
† BCENA is low.
OVM (output voltage monitor) function
By writing data into the OVM latch, the comparison voltage for the voltage comparator of OUT0 to OUT15 can
be set, and the output signal for XDOWN1 and XDOWN2 can be checked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com