Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5904PZP
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5904PZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 9Page - Texas Instruments TLC5904PZP Datasheet HTML 10Page - Texas Instruments TLC5904PZP Datasheet HTML 11Page - Texas Instruments TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
shift register latch for gray scale data
The shift register latch for the gray scale data is set as an 8
× 1 byte configuration at the 8 bit mode, and as a
16
× 1 byte configuration at the 16 bit mode. The gray scale data, configured as 8 bits, represents the time when
constant current output is being turned on, and the data range is 0 to 255 (00h to FFh). When the gray scale
data is 0, the time is shortest, and the output is not turned on(light off). On the other hand, when the gray scale
data is 255, the time is longest, and it turns on during the time of the 255 clocks from GSCLK. The configuration
of the shift register and latch for gray scale data is shown below.
(8 bits)
OUT15
Data
XLATCH
(8 bits)
OUT14
Data
(8 bits)
OUT1
Data
(8 bits)
OUT0
Data
Latch for Gray Scale Data
16th byte
DIN7 MSB
DIN0 LSB
DOUT0 to 7
Shift Register for Gray Scale Data
15th byte
DIN7 MSB
DIN0 LSB
2nd byte
DIN7 MSB
DIN0 LSB
1st byte
DIN7 MSB
DIN0 LSB
DIN0 to 7
DCLK
16 Bit Mode (MODE=H, RSEL0 and RSEL1=L)
(8 bits)
OUT15, 14
Data
XLATCH
(8 bits)
OUT13, 12
Data
(8 bits)
OUT3, 2
Data
(8 bits)
OUT1, 0
Data
Latch for Gray Scale Data
8th byte
DIN7 MSB
DIN0 LSB
DOUT0 to 7
Shift Register for Gray Scale Data
7th byte
DIN7 MSB
DIN0 LSB
2nd byte
DIN7 MSB
DIN0 LSB
1st byte
DIN7 MSB
DIN0 LSB
DIN0 to 7
DCLK
8 Bit Mode (MODE=L, RSEL0 and RSEL1=L)
Figure 3. Relationship Between Shift Register and Latch for Gray Scale Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com