Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5904PZP
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5904PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments TLC5904PZP Datasheet HTML 19Page - Texas Instruments TLC5904PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
OVM comparator
The OVM comparator compares the voltage on the constant current output terminal during turnon with
comparison voltage set by the OVM latch. When the voltage on the constant current output terminal is lower,
XDOWN2 goes low. As shown in Figure 5, the comparator is provided in every output portion, and the
comparison result corresponding to the output to be turned on appears in the XDOWN2 terminal. Since the
XDOWN2 terminal is an open-collector output, outputs of multiple ICs are brought together.
The output terminal for comparison result is only XDOWN2. The voltage on all the constant current output can
be checked to monitor XDOWN2 turning output on in turn. The voltage on the constant current output, when
turned on, can be also measured changing the comparison voltage set by the OVM latch. Using this function,
sensing (LOD function) an LED disconnection (output voltage is below 0.3 V) and short circuit (output voltage
is extremely high) can be detected and specifies which LED encountered this failure. Also, by monitoring the
output voltage and controlling the voltage across anode of the LED to minimize the voltage on the constant
current output (approximately 0.7 V at IO = 80 mA), the temperature rising of the chip can be minimized.
Furthermore, by setting BLANK to low during LED on, the comparison result immediately before can be held.
Thus, synchronizing timing to check XDOWN2 from the system to the LED lighting timing is not required. Note
that the gray scale data being turned on should be a minimum of 5
µs since XDOWN2 output is required
approximately 5
µs after the constant current output is turned on. The comparison result is also required
approximately 5
µs after the changed latch data.
D
+
–
+
–
+
–
+
–
LATCH
Q
XDOWN2
OUT0
Internal OUT0
Turn ON Signal
OUT1
OUT14
OUT15
Internal OUT1
Turn ON Signal
Internal OUT014
Turn ON Signal
Internal OUT015
Turn ON Signal
Comparison Voltage
BLANK
When BLANK is high, hold the data
When BLANK is low, data is out.
Figure 5. OVM functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com