Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5904PZP
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5904PZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 6Page - Texas Instruments TLC5904PZP Datasheet HTML 7Page - Texas Instruments TLC5904PZP Datasheet HTML 8Page - Texas Instruments TLC5904PZP Datasheet HTML 9Page - Texas Instruments TLC5904PZP Datasheet HTML 10Page - Texas Instruments TLC5904PZP Datasheet HTML 11Page - Texas Instruments TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, CL = 15pF,
MIN/MAX: VCCLOG= VCCANA = VCCLED = 4.5 V to 5.5, TA = –20 to 85°C
TYP: VCCLOG = VCCANA = VCCLED = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DOUTn
12
30
tr
Rise time
GSOUT, BOUT
13
30
ns
OUTn (see Figure 1)
250
DOUTn
8
20
tf
Fall time
GSOUT, BOUT
10
25
ns
OUTn (see Figure 1)
200
OUTn+1 – OUTn
35
60
BLANK
↑ – OUT0
350
500
BLANK – BOUT
20
40
70
GSCLK
↓ – OUT0
350
500
td
Propagation delay time
GSCLK – GSOUT
20
40
70
ns
DCLK – DOUTn
15
30
50
XOE
↓ – DOUTn (see Note 2)
10
20
35
XOE
↑ – DOUTn (see Note 2)
10
15
25
GSCLK – XDOWN2 (
∆0.1 V)
5000
NOTE 2: Until DOUT will be turned on (drive) or turned off (Hi-Z).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com