Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2221 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2221
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2221 Datasheet HTML 2Page - Texas Instruments TLV2221 Datasheet HTML 3Page - Texas Instruments TLV2221 Datasheet HTML 4Page - Texas Instruments TLV2221 Datasheet HTML 5Page - Texas Instruments TLV2221 Datasheet HTML 6Page - Texas Instruments TLV2221 Datasheet HTML 7Page - Texas Instruments TLV2221 Datasheet HTML 8Page - Texas Instruments TLV2221 Datasheet HTML 9Page - Texas Instruments TLV2221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157A – JUNE 1996 – REVISED JANUARY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2221C
TLV2221I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
1V
V0
0.62
3
0.62
3
mV
αVIO
Temperature
coefficient of input
V
1V
V0
Full range
1
1
µV/°C
αVIO
coefficient of input
offset voltage
V
1V
V0
1
1
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD
± = ±1.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
1
1
pA
IIB
Input bias current
Full range
150
150
pA
0
– 0.3
0
– 0.3
25
°C
0
to
0.3
to
0
to
0.3
to
VICR
Common-mode input
RS =50 Ω
|VIO| ≤5mV
2
2.2
2
2.2
V
VICR
voltage range
RS = 50 Ω,
|VIO| ≤5 mV
0
0
V
Full range
0
to
0
to
g
1.7
1.7
Hi h l
l
t
t
IOH = – 100 µA
25
°C
2.97
2.97
VOH
High-level output
voltage
IOH = 400 µA
25
°C
2.88
2.88
V
voltage
IOH = – 400 µA
Full range
2.5
2.5
Lll
t
t
VIC = 1.5 V,
IOL = 50 µA
25
°C
15
15
VOL
Low-level output
voltage
VIC =1 5V
IOL = 500 µA
25
°C
150
150
mV
voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
500
500
Large-signal
V1 5 V
R2 k
Ω‡
25
°C
2
3
2
3
AVD
Large signal
differential voltage
VIC = 1.5 V,
VO =1Vto2V
RL = 2 kه
Full range
1
1
V/mV
VD
amplification
VO = 1 V to 2 V
RL = 1 Mه
25
°C
250
250
rid
Differential input
resistance
25
°C
1012
1012
Ω
ric
Common-mode input
resistance
25
°C
1012
1012
Ω
cic
Common-mode input
capacitance
f = 10 kHz
25
°C
6
6
pF
zo
Closed-loop output
impedance
f = 10 kHz,
AV = 10
25
°C
90
90
Ω
CMRR
Common-mode
VIC = 0 to 1.7 V,
25
°C
70
82
70
82
dB
CMRR
rejection ratio
IC
,
VO = 1.5 V,
RS = 50 Ω
Full range
65
65
dB
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 8 V,
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
80
80
dB
IDD
Supply current
VO =1 5V
No load
25
°C
100
150
100
150
µA
IDD
Supply current
VO = 1.5 V,
No load
Full range
200
200
µA
† Full range for the TLV2221C is 0
°C to 70°C. Full range for the TLV2221I is – 40°C to 85°C.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com