Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2221
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2221 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2221 Datasheet HTML 1Page - Texas Instruments TLV2221 Datasheet HTML 2Page - Texas Instruments TLV2221 Datasheet HTML 3Page - Texas Instruments TLV2221 Datasheet HTML 4Page - Texas Instruments TLV2221 Datasheet HTML 5Page - Texas Instruments TLV2221 Datasheet HTML 6Page - Texas Instruments TLV2221 Datasheet HTML 7Page - Texas Instruments TLV2221 Datasheet HTML 8Page - Texas Instruments TLV2221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157A – JUNE1996 – REVISED JANUARY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The device inputs and outputs are designed to withstand a 100-mA surge current without sustaining latch-up.
In addition, internal ESD-protection circuits prevent functional failures up to 2000 V as tested under
MIL-PRF-38535; however, care should be exercised when handling these devices as exposure to ESD may
result in degradation of the device parametric performance. Additional care should be exercised to prevent
VDD+ supply-line transients under powered conditions. Transients of greater than 20 V can trigger the
ESD-protection structure, inducing a low-impedance path to VDD–/GND. Should this condition occur, the
sustained current supplied to the device must be limited to 100 mA or less. Failure to do so could result in a
latched condition and device failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com